Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 451Page - Renesas Technology Corp HD64F2145 Datasheet HTML 452Page - Renesas Technology Corp HD64F2145 Datasheet HTML 453Page - Renesas Technology Corp HD64F2145 Datasheet HTML 454Page - Renesas Technology Corp HD64F2145 Datasheet HTML 455Page - Renesas Technology Corp HD64F2145 Datasheet HTML 456Page - Renesas Technology Corp HD64F2145 Datasheet HTML 457Page - Renesas Technology Corp HD64F2145 Datasheet HTML 458Page - Renesas Technology Corp HD64F2145 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 829 page
background image
Rev. 2.0, 08/02, page 415 of 788
Bit
Bit Name
Initial Value R/W
Description
4
AASX
0
R/(W)* Second Slave Address Recognition Flag
In I
2C bus format slave receive mode, this flag is set to 1 if
the first frame following a start condition matches bits
SVAX6 to SVAX0 in SARX.
[Setting condition]
When the second slave address is detected in slave
receive mode and FSX = 0 in SARX
[Clearing conditions]
• When 0 is written in AASX after reading AASX = 1
• When a start condition is detected
• In master mode
3
AL
0
R/(W)* Arbitration Lost Flag
Indicates that arbitration was lost in master mode.
[Setting conditions]
When ALSL=0
• If the internal SDA and SDA pin disagree at the rise of
SCL in master transmit mode
• If the internal SCL line is high at the fall of SCL in
master transmit mode
When ALSL=1
• If the internal SDA and SDA pin disagree at the rise of
SCL in master transmit mode
• If the SDA pin is driven low by another device before
the I
2C bus interface drives the SDA pin low, after the
start condition instruction was executed in master
transmit mode
[Clearing conditions]
• When ICDR is written to (transmit mode) or read from
(receive mode)
• When 0 is written in AL after reading AL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com