Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 454Page - Renesas Technology Corp HD64F2145 Datasheet HTML 455Page - Renesas Technology Corp HD64F2145 Datasheet HTML 456Page - Renesas Technology Corp HD64F2145 Datasheet HTML 457Page - Renesas Technology Corp HD64F2145 Datasheet HTML 458Page - Renesas Technology Corp HD64F2145 Datasheet HTML 459Page - Renesas Technology Corp HD64F2145 Datasheet HTML 460Page - Renesas Technology Corp HD64F2145 Datasheet HTML 461Page - Renesas Technology Corp HD64F2145 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 829 page
background image
Rev. 2.0, 08/02, page 418 of 788
16.3.7
DDC Switch Register (DDCSWR)
DDCSWR controls the IIC_0 automatic format switching function and IIC internal latch
clearance.
Bit
Bit Name Initial Value R/W
Description
7
SWE
0
R/W
DDC Mode Switch Enable
0: Disables automatic switching of IIC channel 0 from
formatless mode to I
2C bus format
1: Enables automatic switching of IIC channel 0 from
formatless mode to I
2C bus format
6
SW
0
R/W
DDC Mode Switch
0: Uses IIC channel 0 with the I
2C bus format
1: Uses IIC channel 0 in formatless mode
[Setting condition]
When 1 is written in SW after reading SW = 0
[Clearing conditions]
• When 0 is written by software
• When a falling edge is detected on the SCL pin when
SWE = 1
5
IE
0
R/W
DDC Mode Switch Interrupt Enable Bit
0: Disables interrupts when automatic format switching is
executed
1: Enables interrupts when automatic format switching is
executed
4
IF
0
R/(W)*
1
DDC Mode Switch Interrupt Flag
Indicates an interrupt request to the CPU is generated
when automatic format switching is executed for IIC_0.
[Setting condition]
When a falling edge is detected on the SCL pin when SWE
= 1
[Clearing condition]
When 0 is written in IF after reading IF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com