Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 456Page - Renesas Technology Corp HD64F2145 Datasheet HTML 457Page - Renesas Technology Corp HD64F2145 Datasheet HTML 458Page - Renesas Technology Corp HD64F2145 Datasheet HTML 459Page - Renesas Technology Corp HD64F2145 Datasheet HTML 460Page - Renesas Technology Corp HD64F2145 Datasheet HTML 461Page - Renesas Technology Corp HD64F2145 Datasheet HTML 462Page - Renesas Technology Corp HD64F2145 Datasheet HTML 463Page - Renesas Technology Corp HD64F2145 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 829 page
background image
Rev. 2.0, 08/02, page 420 of 788
16.3.8
I
2C Bus Extended Control Register (ICXR)
ICXR enables or disables the I
2C bus interface interrupt generation and continuous receive
operation, and indicates the status of receive/transmit operations.
Bit
Bit Name
Initial Value R/W
Description
7
STOPIM
0
R/W
Stop Condition Interrupt Source Mask
Enables or disables the interrupt generation when the stop
condition is detected in slave mode.
0: Enables IRIC flag setting and interrupt generation when
the stop condition is detected (STOP = 1 or ESTP = 1) in
slave mode.
1: Disables IRIC flag setting and interrupt generation when
the stop condition is detected.
6
HNDS
0
R/W
Handshake Receive Operation Select
Enables or disables continuous receive operation in receive
mode.
0: Enables continuous receive operation
1: Disables continuous receive operation
When the HNDS bit is cleared to 0, receive operation is
performed continuously after data has been received
successfully while ICDRF flag is 0.
When the HNDS bit is set to 1, SCL is fixed to the low level
and the next data transfer is disabled after data has been
received successfully while the ICDRF flag is 0. The bus
line is released and next receive operation is enabled by
reading the receive data in ICDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com