Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 457Page - Renesas Technology Corp HD64F2145 Datasheet HTML 458Page - Renesas Technology Corp HD64F2145 Datasheet HTML 459Page - Renesas Technology Corp HD64F2145 Datasheet HTML 460Page - Renesas Technology Corp HD64F2145 Datasheet HTML 461Page - Renesas Technology Corp HD64F2145 Datasheet HTML 462Page - Renesas Technology Corp HD64F2145 Datasheet HTML 463Page - Renesas Technology Corp HD64F2145 Datasheet HTML 464Page - Renesas Technology Corp HD64F2145 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 829 page
background image
Rev. 2.0, 08/02, page 421 of 788
Bit
Bit Name
Initial Value R/W
Description
5
ICDRF
0
R
Receive Data Read Request Flag
Indicates the ICDR (ICDRR) status in receive mode.
0: Indicates that the data has been already read from
ICDR (ICDRR) or ICDR is initialized.
1: Indicates that data has been received successfully and
transferred from ICDRS to ICDRR, and the data is ready to
be read out.
[Setting conditions]
• When data is received successfully and transferred
from ICDRS to ICDRR.
(1) When data is received successfully while ICDRF = 0
(at the rise of the 9th clock pulse).
(2) When ICDR is read successfully in receive mode after
data was received while ICDRF = 1.
[Clearing conditions]
• When ICDR (ICDRR) is read.
• When 0 is written to the ICE bit.
• When the IIC is internally initialized using the CLR3 to
CLR0 bits in DDCSWR.
When ICDRF is set due to the condition (2) above, ICDRF
is temporarily cleared to 0 when ICDR (ICDRR) is read;
however, since data is transferred from ICDRS to ICDRR
immediately, ICDRF is set to 1 again.
Note that ICDR cannot be read successfully in transmit
mode (TRS = 1) because data is not transferred from
ICDRS to ICDRR. Be sure to read data from ICDR in
receive mode (TRS = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com