Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 460Page - Renesas Technology Corp HD64F2145 Datasheet HTML 461Page - Renesas Technology Corp HD64F2145 Datasheet HTML 462Page - Renesas Technology Corp HD64F2145 Datasheet HTML 463Page - Renesas Technology Corp HD64F2145 Datasheet HTML 464Page - Renesas Technology Corp HD64F2145 Datasheet HTML 465Page - Renesas Technology Corp HD64F2145 Datasheet HTML 466Page - Renesas Technology Corp HD64F2145 Datasheet HTML 467Page - Renesas Technology Corp HD64F2145 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 829 page
background image
Rev. 2.0, 08/02, page 424 of 788
16.4
Operation
The I
2C bus interface has an I2C bus format and a serial format.
16.4.1
I
2C Bus Data Format
The I
2C bus format is an addressing format with an acknowledge bit. This is shown in figure 16.3.
The first frame following a start condition always consists of 9 bits.
IIC_0 only is capable of formatless operation, as shown in figure 16.4.
The serial format is a non-addressing format with no acknowledge bit. This is shown in figure
16.5.
Figure 16.6 shows the I
2C bus timing.
The symbols used in figures 16.3 to 16.6 are explained in table 16.6.
SA
SLA
7n
R/
DATA
A
1
1m
11
1
A/
1
P
1
Transfer bit count
(n = 1 to 8)
Transfer frame count
(m = from 1)
S
SLA
7n1
7
R/
A
DATA
11
1m1
1
A/
1
S
1
SLA
R/
1
1m2
A
1
DATA
n2
A/
1
P
1
(a) FS = 0 or FSX = 0
(b) Start condition retransmission FS = 0 or FSX = 0
Upper row: Transfer bit count (n1, n2 = 1 to 8)
Lower row: Transfer frame count (m1, m2 = from 1)
Figure 16.3 I
2C Bus Data Format (I2C Bus Format)
FS = 0 or FSX = 0
AA
DATA
8n
DATA
11
1m
A/
1
Transfer bit count
(n = 1 to 8)
Transfer frame count
(m = from 1)
Note: * This mode is applied to the PC monitor system standard DDC (Display Data Channel).
Figure 16.4 I
2C Bus Data Format (Formatless) (IIC_0 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com