Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 462Page - Renesas Technology Corp HD64F2145 Datasheet HTML 463Page - Renesas Technology Corp HD64F2145 Datasheet HTML 464Page - Renesas Technology Corp HD64F2145 Datasheet HTML 465Page - Renesas Technology Corp HD64F2145 Datasheet HTML 466Page - Renesas Technology Corp HD64F2145 Datasheet HTML 467Page - Renesas Technology Corp HD64F2145 Datasheet HTML 468Page - Renesas Technology Corp HD64F2145 Datasheet HTML 469Page - Renesas Technology Corp HD64F2145 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 829 page
background image
Rev. 2.0, 08/02, page 426 of 788
16.4.2
Initialization
Initialize the IIC by the procedure shown in figure 16.7 before starting transmission/reception of
data.
Start initialization
Set MSTP4 = 0 (IIC_0)
MSTP3 = 0 (IIC_1)
(MSTPCRL)
Set DDCSWR
Set ICE = 0 in ICCR
Set ICSR
Set STCR
Cancel module stop mode
Set the first and second slave addresses and IIC communication format
(SVA6 to SVA0, FS, SVAX6 to SVAX0, and FSX)
Enable ICMR and ICDR to be accessed
Use SCL/SDA pin as an IIC port
Set transfer rate (IICX)
Enable the CPU accessing to the IIC control register and data register
Set communication format, wait insertion, and transfer rate
(MLS, WAIT, CKS2 to CKS0)
Enable interrupt
(STOPIM, HNDS, ALIE, ALSL, FNC1, and FNC0)
Set acknowledge bit (ACKB)
Set ICMR
Set ICCR
Set IICE = 1 in STCR
Set SAR and SARX
Set ICE = 1 in ICCR
Set ICXR
<< Start transmit/receive operation >>
Set interrupt enable, transfer mode, and acknowledge decision
(IEIC, MST, TRS, and ACKE)
Enable SAR and SARX to be accessed
Set IIC communication format
(SWE, SW, IE, and IF)
Figure 16.7 Sample Flowchart for IIC Initialization
Note:
Be sure to modify the ICMR register after transmit/receive operation has been completed.
If the ICMR register is modified during transmit/receive operation, bit counter BC2 to
BC0 will be modified erroneously, thus causing incorrect operation.
16.4.3
Master Transmit Operation
In I
2C bus format master transmit mode, the master device outputs the transmit clock and transmit
data, and the slave device returns an acknowledge signal.
Figure 16.8 shows the sample flowchart for the operations in master transmit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com