Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 463Page - Renesas Technology Corp HD64F2145 Datasheet HTML 464Page - Renesas Technology Corp HD64F2145 Datasheet HTML 465Page - Renesas Technology Corp HD64F2145 Datasheet HTML 466Page - Renesas Technology Corp HD64F2145 Datasheet HTML 467Page - Renesas Technology Corp HD64F2145 Datasheet HTML 468Page - Renesas Technology Corp HD64F2145 Datasheet HTML 469Page - Renesas Technology Corp HD64F2145 Datasheet HTML 470Page - Renesas Technology Corp HD64F2145 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 829 page
background image
Rev. 2.0, 08/02, page 427 of 788
Start
Initialize IIC
Set MST = 1 and
TRS = 1 in ICCR
Set BBSY =1 and
SCP = 0 in ICCR
Write transmit data in ICDR
Clear IRIC flag in ICCR
No
No
Yes
Yes
Yes
Yes
No
No
[1] Initialization
[3] Select master transmit mode.
[4] Start condition issuance
[6] Set transmit data for the first byte
(slave address + R/
).
(After writing to ICDR, clear IRIC flag
continuously.)
[9] Set transmit data for the second and
subsequent bytes.
(After writing to ICDR, clear IRIC flag
continuously.)
[2] Test the status of the SCL and SDA lines.
[7] Wait for 1 byte to be transmitted.
[10] Wait for 1 byte to be transmitted.
[11] Determine end of tranfer
[12] Stop condition issuance
[8] Test the acknowledge bit
transferred from the slave device.
[5] Wait for a start condition generation
Read IRIC flag in ICCR
Read ACKB bit in ICSR
IRIC = 1?
ACKB = 0?
Transmit mode?
Write transmit data in ICDR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Read ACKB bit in ICSR
Clear IRIC flag in ICCR
End of transmission?
or ACKB = 1?
Set BBSY = 0 and
SCP = 0 in ICCR
End
Read BBSY flag in ICCR
BBSY = 0?
Yes
No
Read IRIC flag in ICCR
IRIC = 1?
Yes
No
Yes
No
IRIC = 1?
Master receive mode
Figure 16.8 Sample Flowchart for Operations in Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com