Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 459Page - Renesas Technology Corp HD64F2145 Datasheet HTML 460Page - Renesas Technology Corp HD64F2145 Datasheet HTML 461Page - Renesas Technology Corp HD64F2145 Datasheet HTML 462Page - Renesas Technology Corp HD64F2145 Datasheet HTML 463Page - Renesas Technology Corp HD64F2145 Datasheet HTML 464Page - Renesas Technology Corp HD64F2145 Datasheet HTML 465Page - Renesas Technology Corp HD64F2145 Datasheet HTML 466Page - Renesas Technology Corp HD64F2145 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 829 page
background image
Rev. 2.0, 08/02, page 423 of 788
Bit
Bit Name
Initial Value R/W
Description
3
ALIE
0
R/W
Arbitration Lost Interrupt Enable
Enables or disables IRIC flag setting and interrupt
generation when arbitration is lost.
0: Disables interrupt request when arbitration is lost.
1: Enables interrupt request when arbitration is lost.
2
ALSL
0
R/W
Arbitration Lost Condition Select
Selects the condition under which arbitration is lost.
0: When the SDA pin state disagrees with the data that IIC
bus interface outputs at the rise of SCL, or when the SCL
pin is driven low by another device.
1: When the SDA pin state disagrees with the data that IIC
bus interface outputs at the rise of SCL, or when the SDA
line is driven low by another device in idle state or after the
start condition instruction was executed.
1
0
FNC1
FNC0
0
0
R/W
R/W
Function Bit
Cancels some restrictions on usage. For details, refer to
section 16.6, Usage Notes.
00: Restrictions on operation remaining in effect
01: Setting prohibited
10: Setting prohibited
11: Restrictions on operation canceled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com