| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 462 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 462 Page - Renesas Technology Corp |
|
462 / 829 page ![]() Rev. 2.0, 08/02, page 422 of 788 Bit Bit Name Initial Value R/W Description 4 ICDRE 0 R Transmit Data Write Request Flag Indicates the ICDR (ICDRT) status in transmit mode. 0: Indicates that the data has been already written to ICDR (ICDRT) or ICDR is initialized. 1: Indicates that data has been transferred from ICDRT to ICDRS and is being transmitted, or the start condition has been detected or transmission has been complete, thus allowing the next data to be written to. [Setting conditions] • When the start condition is detected from the bus line state with I 2C bus format or serial format. • When I2C bus mode is switched to formatless (when the SW bit in DDCSWR is set to 1). • When data is transferred from ICDRT to ICDRS. 1. When data transmission completed while ICDRE = 0 (at the rise of the 9th clock pulse). 2. When data is written to ICDR in transmit mode after data transmission was completed while ICDRE = 1. [Clearing conditions] • When data is written to ICDR (ICDRT). • When the stop condition is detected with I2C bus format or serial format. • When 0 is written to the ICE bit. • When the IIC is internally initialized using the CLR3 to CLR0 bits in DDCSWR. Note that if the ACKE bit is set to 1 with I 2C bus format thus enabling acknowledge bit decision, ICDRE is not set when data transmission is completed while the acknowledge bit is 1. When ICDRE is set due to the condition (2) above, ICDRE is temporarily cleared to 0 when data is written to ICDR (ICDRT); however, since data is transferred from ICDRT to ICDRS immediately, ICDRE is set to 1 again. Do not write data to ICDR when TRS = 0 because the ICDRE flag value is invalid during the time. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |