Electronic Components Datasheet Search
  English  ▼

X  

LT3027 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3027
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3027 Datasheet HTML 3Page - Linear Technology LT3027 Datasheet HTML 4Page - Linear Technology LT3027 Datasheet HTML 5Page - Linear Technology LT3027 Datasheet HTML 6Page - Linear Technology LT3027 Datasheet HTML 7Page - Linear Technology LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology LT3027 Datasheet HTML 10Page - Linear Technology LT3027 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3027
3027f
Transient Response
CBYP = 0
Transient Response
CBYP = 0.01µF
TYPICAL PERFOR A CE CHARACTERISTICS
10Hz to 100kHz Output Noise
CBYP = 0
VOUT
100µV/DIV
10Hz to 100kHz Output Noise
CBYP = 100pF
1ms/DIV
COUT = 10µF
IL = 100mA
VOUT SET FOR 5V OUT
VOUT
100µV/DIV
1ms/DIV
COUT = 10µF
IL = 100mA
VOUT SET FOR 5V OUT
RMS Output Noise vs
Load Current (10Hz to 100kHz)
10Hz to 100kHz Output Noise
CBYP = 1000pF
VOUT
100µV/DIV
10Hz to 100kHz Output Noise
CBYP = 0.01µF
1ms/DIV
COUT = 10µF
IL = 100mA
VOUT SET FOR 5V OUT
VOUT
100µV/DIV
1ms/DIV
COUT = 10µF
IL = 100mA
VOUT SET FOR 5V OUT
TIME (µs)
0.2
0.1
0
–0.1
–0.2
100
50
0
3027 G32
0
400
800
1200
1600
2000
VIN = 6V
CIN = 10µF
COUT = 10µF
VOUT SET FOR 5V OUT
TIME (µs)
0.04
0.02
0
–0.02
–0.04
100
50
0
3027 G33
0
40 60
100
20
80
120 140
180
160
200
VIN = 6V
CIN = 10µF
COUT = 10µF
VOUT SET FOR 5V OUT
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
100
10
3027 G27
VOUT SET FOR 5V
VOUT SET FOR 5V
VOUT =VADJ
VOUT =VADJ
COUT = 10µF
CBYP = 0µF
CBYP = 0.01µF
3027 G30
3027 G31
3027 G28
3027 G29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com