Electronic Components Datasheet Search
  English  ▼

X  

LT3027 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3027
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology LT3027 Datasheet HTML 10Page - Linear Technology LT3027 Datasheet HTML 11Page - Linear Technology LT3027 Datasheet HTML 12Page - Linear Technology LT3027 Datasheet HTML 13Page - Linear Technology LT3027 Datasheet HTML 14Page - Linear Technology LT3027 Datasheet HTML 15Page - Linear Technology LT3027 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT3027
3027f
LT/TP 0804 1K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2004
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO S
OUT1
BYP1
ADJ1
OUT2
BYP2
ADJ2
LT3027
1µF
VIN1
3.7V TO 20V
OFF ON
0.01µF
0.01µF
422k
261k
249k
249k
35.7k
28k
10µF
10µF
3027 TA03a
3.3V
AT
100mA
2.5V
AT
100mA
GND
0.47µF
IN1
1µF
VIN2
2.9V TO 20V
IN2
SHDN1
SHDN2
VSHDN1
1V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
2ms/DIV
3027 TA03b
VSHDN1
1V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
2ms/DIV
3027 TA03c
Startup Sequencing
Turn-On Waveforms
Turn-Off Waveforms
PART NUMBER
DESCRIPTION
COMMENTS
LT1185
3A, Negative LDO
Accurate Programmable Current Limit, Remote Sense
VIN: –35V to –4.2V, VOUT(MIN) = –2.40V, Dropout Voltage = 0.8V, IQ = 2.5mA,
ISD = <1µA, VOUT = Adj., TO220-5 Package
LT1761
100mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS, Stable with 1µF Ceramic Capacitors,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, Dropout Voltage = 0.3V, IQ = 20µA,
ISD = <1µA, VOUT = Adj., 1.5, 1.8, 2, 2.5, 2.8, 3, 3.3, 5, ThinSOT Package
LT1762
150mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, Dropout Voltage = 0.3V, IQ = 25µA,
ISD = <1µA, VOUT = Adj., 2.5, 3, 3.3, 5, MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, Dropout Voltage = 0.3V, IQ = 30µA,
ISD = <1µA, VOUT = 1.5, 1.8, 2.5, 3, 3.3, 5, S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient Response, LDO
Low Noise < 40µVRMS, "A" Version Stable with Ceramic Capacitors,
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, Dropout Voltage = 0.34V, IQ = 1mA,
ISD = <1µA, VOUT = 1.8, 2.5, 3.3, DD, TO220 Packages
LTC1844
150mA, Very Low Drop-Out LDO
Low Noise < 30µVRMS, Stable with 1µF Ceramic Capacitors,
VIN: 1.6V to 6.5V, VOUT(MIN) = 1.25V, Dropout Voltage = 0.08V, IQ = 40µA,
ISD = <1µA, VOUT = Adj., 1.5, 1.8, 2.5, 2.8, 3.3, ThinSOT Package
LT1962
300mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, Dropout Voltage = 0.27V, IQ = 30µA,
ISD = <1µA, VOUT = 1.5, 1.8, 2.5, 3, 3.3, 5, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient Response, LDO
Low Noise < 40µVRMS, "A" Version Stable with Ceramic Capacitors,
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, Dropout Voltage = 0.34V, IQ = 1mA,
ISD = <1µA, VOUT = 1.5, 1.8, 2.5, 3.3, DD, TO220, SOT-223, S8 Packages
LT1964
200mA, Low Noise Micropower, Negative LDO
Low Noise < 30µVRMS, Stable with Ceramic Capacitors,
VIN: –0.9V to –20V, VOUT(MIN) = –1.21V, Dropout Voltage = 0.34V, IQ = 30µA,
ISD = 3µA, VOUT = Adj., –5, ThinSOT Package
LT3020
100mA, VLDO in MSOP
Low Noise < 245µVRMS, Stable with 2.2µF Ceramic Capacitors,
VIN: 0.9V to 10V, VOUT(MIN) = 0.2 V, Dropout Voltage = 0.155V, IQ = 140µA,
ISD = <3µA, VOUT = Adj., MS8, DFN Packages
LT3023
Dual 100mA, Low Noise Micropower, LDO
Dual Low Noise < 20µVRMS, Stable with 1µF Ceramic Capacitors,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22 V, Dropout Voltage = 0.3V, IQ = 40µA,
ISD = <1µA, VOUT = Adj., MS10, DFN Packages
LT3024
Dual 100mA/500mA, Low Noise Micropower, LDO
Dual Low Noise < 20µVRMS, Stable with 1µF/3.3µF Ceramic Capacitors,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22 V, Dropout Voltage = 0.3V, IQ = 60µA,
ISD = <1µA, VOUT = Adj., TSSOP16, DFN Packages
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com