Electronic Components Datasheet Search
  English  ▼

X  

LT3027 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3027
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3027 Datasheet HTML 6Page - Linear Technology LT3027 Datasheet HTML 7Page - Linear Technology LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology LT3027 Datasheet HTML 10Page - Linear Technology LT3027 Datasheet HTML 11Page - Linear Technology LT3027 Datasheet HTML 12Page - Linear Technology LT3027 Datasheet HTML 13Page - Linear Technology LT3027 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT3027
3027f
APPLICATIO S I FOR ATIO
Output Capacitance and Transient Response
The LT3027 regulator is designed to be stable with a wide
range of output capacitors. The ESR of the output capaci-
tor affects stability, most notably with small
capacitors. A minimum output capacitor of 1µF with an
ESR of 3Ω or less is recommended to prevent oscilla-
tions. The LT3027 is a micropower device and output
transient response will be a function of output capaci-
tance. Larger values of output capacitance decrease the
peak deviations and provide improved transient response
for larger load current changes. Bypass capacitors, used
to decouple individual components powered by the
LT3027, will increase the effective output capacitor value.
With larger capacitors used to bypass the reference (for
low noise operation), larger values of output capacitors
are needed. For 100pF of bypass capacitance, 2.2µF of
output capacitor is recommended. With a 330pF bypass
capacitor or larger, a 3.3µF output capacitor is recom-
mended. The shaded region of Figure 2 defines the region
over which the LT3027 regulator is stable. The minimum
ESR needed is defined by the amount of bypass capaci-
tance used, while the maximum ESR is 3Ω.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common
dielectrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit strong voltage and tem-
perature coefficients as shown in Figures 3 and 4. When
used with a 5V regulator, a 10µF Y5V capacitor can exhibit
an effective value as low as 1µF to 2µF over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values.
Figure 2. Stability
OUTPUT CAPACITANCE (µF)
1
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
310
3027 F02
24
5
6 78 9
STABLE REGION
CBYP = 330pF
CBYP = 100pF
CBYP = 0
CBYP > 3300pF
Figure 4. Ceramic Capacitor Temperature Characteristics
Figure 3. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3027 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
DC BIAS VOLTAGE (V)
3027 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com