Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Small Object Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  DF-G2 Datasheet HTML 1Page - Banner Engineering Corp. DF-G2 Datasheet HTML 2Page - Banner Engineering Corp. DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Wiring Diagrams
PNP Models
Remote
Programming
(N.O.)
5
10–30 V dc
3
1
4
2
–
+
Health
Load
NPN Models
Remote
Programming
(N.O.)
10-30V dc
5
3
1
4
2
–
+
Load
Health
Key
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
(6 = no connection)
NOTE: Open lead wires must be connected to a terminal block.
Top Panel Interface
Opening the dust cover provides access to the top panel interface. The top panel interface consists of the RUN/PRG/ADJ
mode switch, LO/DO switch, +/SET/- rocker button, dual red/green digital displays, and output LED.
RUN/PRG/ADJ Mode Switch
The RUN/PRG/ADJ mode switch puts the sensor in RUN, PRG (Program), or ADJ (Adjust) mode. RUN
mode allows the sensor to operate normally and prevents unintentional programming changes via the
+/SET/- rocker button. PRG mode allows the sensor to be programmed through the display-driven
programming menu (see Program Mode below). ADJ mode allows the user to perform Expert
TEACH/SET methods and Manual Adjust (see Adjust Mode below).
LO/DO Switch
The LO/DO switch selects Light Operate or Dark Operate mode. In Light Operate mode, the output is
ON when the sensing condition is above the threshold. (For Window SET, the output is ON when the
sensing condition is inside the window.) In Dark Operate mode, the output is ON when the sensing
condition is below the threshold. (For Window SET, the output is ON when the sensing condition is
outside the window.)
+/SET/- Rocker Button
The +/SET/- rocker button is a 3-way button. The +/- positions are engaged by rocking the button left/
right. The SET position is engaged by clicking down the button while the rocker is in the middle position.
All three button positions are used during PRG mode to navigate the display-driven programming menu.
During ADJ mode, SET is used to perform TEACH/SET methods. The rocker button is disabled during
RUN mode, except when using Window SET, see Window SET on page 6.
Red/Green Digital Displays
During RUN and ADJ modes, the Red display shows the signal level, and the Green display shows the
threshold or the total counts. During PRG mode, both displays are used to navigate the display-driven
programming menu.
Output LED
The output LED provides a visible indication when the output is activated.
DF-G2 High Speed Expert™ Dual Display Small Object Counter
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 178061 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com