Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Small Object Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 8 Page - Banner Engineering Corp.

  DF-G2 Datasheet HTML 1Page - Banner Engineering Corp. DF-G2 Datasheet HTML 2Page - Banner Engineering Corp. DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SET Result
% Offset Meaning
PASS (with % Offset)
Displays the % offset used for the SET method
FAIL (with % Offset)
Displays the minimum required % offset necessary to PASS the SET method
FAIL (without % Offset)
Presented condition cannot be used for the SET method
Health Mode Alarm
The Health Mode Alarm alerts you when preventative maintenance becomes necessary to ensure reliable sensing. The
Health Mode output 2 is Active when the system is OK and operating normally. Health Mode output 2 becomes Inactive
when the system is in a marginal state because of contamination. The system still operates normally and can detect small
objects, but is nearing the alarm state. When the system is completely contaminated and unable to ensure reliable
sensing, the system goes into the alarm state. In the alarm state, the discrete output 1 is forced to the blocked state and
can no longer be used to detect small objects.
•
Threshold Alert
displays when Health Mode output 2 is inactive because of contamination. The
system operates normally but is nearing the alarm state.
•
Threshold Error
displays when discrete output 1 is forced to the blocked state and can no longer be
used to detect small objects.
The sensor may enter Health Mode Alarm for any of these reasons:
1. When first powered up; the fiber optic array may already be contaminated
2. If the Window SET procedure fails, indicating the fiber optic array is contaminated and the sensor could not set a
valid clear-state light level for reliable detection
3. If the fiber optic array is contaminated enough that the auto compensation tracking algorithm cannot sufficiently
adjust the thresholds to ensure reliable detection
4. If the fiber optic array is blocked for more than 2 seconds
Return the system to normal operation by cleaning the fiber optic array and performing a Window SET to reset the clear-
state light level (see Window SET on page 6).
Specifications
Sensing Beam
Visible red, 635 nm
Supply Voltage
10 to 30 V dc Class 2 (10% maximum ripple)
Power and Current Consumption (exclusive of load)
Standard display mode: 960 mW, Current consumption < 40 mA at 24
V dc
ECO display mode: 720 mW, Current consumption < 30 mA at 24 V dc
Supply Protection Circuitry
Protected against reverse polarity and transient overvoltages
Delay at Power-Up
500 milliseconds maximum; outputs do not conduct during this time
Output Configuration
1 current sinking (NPN) or 1 current sourcing (PNP) output, depending on
model, plus 1 Health Mode output
Output Rating
100 mA maximum combined load (derate 1 mA per °C above 30 °C)
OFF-state leakage current: < 5 μA at 30 V dc;
ON-state saturation voltage: NPN: < 1.5 V; PNP : < 2 V
Output Protection
Protected against output short-circuit, continuous overload, transient
overvoltages, and false pulse on power-up
Output Response Time
25 µs
50 µs
150 µs
250 µs
500 µs
Repeatability
12 µs
12 µs
30 µs
50 µs
80 µs
Connections
PVC-jacketed 2 m or 9 m (6.5 ft or 30 ft) 5-wire integral cable; or
integral 5-pin M8/Pico-style quick disconnect; or 150 mm (6 in) cable
with a 5-pin M12/Euro-style quick disconnect; or 150 mm (6 in)
cable with a 5-pin M8/Pico-style quick disconnect
For Q3 or Q7 5-pin models, either a 5-pin M8/Pico-style or a 6-pin
M8/Pico-style mating cordset may be used
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated) housing, clear
polycarbonate cover
Environmental Rating
IEC IEC IP50, NEMA 1
Operating Conditions
Temperature: −10 °C to +55 °C (+14 °F to +131 °F)
Storage Temperature: −20 °C to +85 °C (−4 °F to +185 °F)
Humidity: 90% at +60 °C maximum relative humidity (non-
condensing)
DF-G2 High Speed Expert™ Dual Display Small Object Counter
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 178061 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com