Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Small Object Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DF-G2 Datasheet HTML 1Page - Banner Engineering Corp. DF-G2 Datasheet HTML 2Page - Banner Engineering Corp. DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Quick Start Guide
Advanced sensor with dual digital displays for small object counting applications
For complete technical information about this product, including dimensions, accessories, and specifications, see http://
www.bannerengineering.com and search 178236.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Overview
Figure 1. DF-G2 Model Features
1
Output LED
2
LO/DO Switch
3
RUN/PRG/ADJ Mode Switch
4
Lever Action Fiber Clamp
5
Red Signal Level
6
Green Threshold
7
+/SET/- Rocker Button
Models
Model
Outputs
Connector1
DF-G2-NC-2M
Single NPN, plus Health Mode output
2 m (6.5 ft) cable, 5-wire
DF-G2-PC-2M
Single PNP, plus Health Mode output
DF-G2-NC-Q5
Single NPN, plus Health Mode output
150 mm (6 in) PVC cable with a 5-pin M12/Euro-style quick
disconnect
DF-G2-PC-Q5
Single PNP, plus Health Mode output
DF-G2-NC-Q7
Single NPN, plus Health Mode output
Integral 5-pin M8/Pico-style quick disconnect
DF-G2-PC-Q7
Single PNP, plus Health Mode output
1 Connector options:
•
A model with a QD connector requires a mating cordset
•
For 9 m cable, change the suffix 2M to 9M in the 2 m model number (example, DF-G2-NC-9M)
•
For 150 mm (6 in) PVC cable with a 5-pin M8/Pico-style QD model, change the suffix 2M to Q3 in the 2 m model number
(example, DF-G2-NC-Q3)
•
For Q3 and Q7 models, use a 5-pin M8/Pico-style or a 6-pin M8/Pico-style mating cordset
DF-G2 High Speed Expert™ Dual Display
Small Object Counter
Original Document
178061 Rev. E
9 September 2015
178061


Similar Part No. - DF-G2

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DF-G2 BANNER-DF-G2 Datasheet
1Mb / 11P
DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
DF-G2-KD-2M BANNER-DF-G2-KD-2M Datasheet
1Mb / 11P
DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
DF-G2G-KD-Q5 BANNER-DF-G2G-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
DF-G2IR-KD-2M BANNER-DF-G2IR-KD-2M Datasheet
1Mb / 11P
DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
DF-G2W-KD-Q5 BANNER-DF-G2W-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
More results

Similar Description - DF-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Decade Ripple Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HC393 TI-CD54HC393_07 Datasheet
416Kb / 15P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390_08 Datasheet
453Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
logo
Banner Engineering Corp...
D10 BANNER-D10_V04 Datasheet
653Kb / 12P
D10 Expert Series - Small Object Counter
DF-G2 BANNER-DF-G2 Datasheet
1Mb / 11P
DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
DF-G2X-KD-Q5 BANNER-DF-G2X-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
DF-G3 BANNER-DF-G3 Datasheet
1Mb / 11P
DF-G3 Long Range Expert Dual Display Fiber Amplifier with Dual Discrete Outputs and IO Link
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com