Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Small Object Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  DF-G2 Datasheet HTML 1Page - Banner Engineering Corp. DF-G2 Datasheet HTML 2Page - Banner Engineering Corp. DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Fiber Optic Arrays
Models 2
Detection Window
Dimensions
Fiber Exit
Minimum Object Size 3
PFCVA-10X25-S
10 mm x 25 mm
Side exit
1.5 mm
PFCVA-10X25-E
End exit
PFCVA-25X25-S
25 mm x 25 mm
Side exit
3 mm
PFCVA-25X25-E
End exit
PFCVA-34X25-S
34 mm x 25 mm
Side exit
4 mm
PFCVA-34X25-E
End exit
Installation Instructions
Mounting Instructions
Mount on a DIN Rail
1. Hook the DIN rail clip on the bottom of the DF-G2
over the edge of the DIN rail (1).
2. Push the DF-G2 up on the DIN rail (1).
3. Pivot the DF-G2 onto the DIN rail, pressing until it
snaps into place (2).
Mount to the Accessory Bracket
1. Position the DF-G2 in the SA-DIN-BRACKET.
2. Insert the supplied M3 screws.
3. Tighten the screws.
Remove from a DIN rail
1. Push the DF-G2 up on the DIN rail (1).
2. Pivot the DF-G2 away from the DIN rail and remove
it (2).
2 Custom fiber arrays and mounting configurations are possible. Consult factory for assistance with your small object counting
application.
3 With 2% threshold offset percentage
DF-G2 High Speed Expert™ Dual Display Small Object Counter
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 178061 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com