Electronic Components Datasheet Search
  English  ▼

X  

SLM50 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SLM50
Description  SLM Series Slot Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLM50 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SLM50 Datasheet HTML 1Page - Banner Engineering Corp. SLM50 Datasheet HTML 2Page - Banner Engineering Corp. SLM50 Datasheet HTML 3Page - Banner Engineering Corp. SLM50 Datasheet HTML 4Page - Banner Engineering Corp. SLM50 Datasheet HTML 5Page - Banner Engineering Corp. SLM50 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions
16.5
[0.65"]
Slot
Depth
34.9
[1.37"]
14.1
[0.56"]
5.0
[0.20"]
D
8.0 [0.31"]
1.0
[0.04"]
A
2X 15.0
[0.59"]
B
12.0
[0.47"]
3X Ø 4.5
[Ø 0.18"]
20.0 [0.79"]*
5.0
[0.20"]
5.0
[0.20"]
6.0
[0.24"]
C
9.0
[0.35"]
24.6
[0.97"]
4.0 [0.16"]
*Model SLM10.. measures 18.0 [0.71"]
4X M4 x 0.7 mm threads - 6.5 mm deep
Hardware: 2X M4 x 25 socket head cap screws
2X M4 nuts with captured lock washers
Hex key
Max. torque 2.8 Nm (25 in-lbs)
QD
Models
Cabled
Models
Overall
Depth
Slot Width
Overall Width
All measurements are listed in millimeters [inches], unless noted otherwise.
Models
Slot Width
Slot Depth
Overall Width
Overall Depth
A
Side Mount
B
Back Mount
C
D
SLM10
10 mm (0.39")
60.8 mm
(2.39")
42 mm (1.65")
80 mm (3.15")
n/a
n/a
n/a
70 mm
(2.76")
SLM20
20 mm (0.79")
52 mm (2.05")
SLM30
30 mm (1.18")
62 mm (2.44")
10 mm (0.39")
SLM50
50 mm (1.97")
82 mm (3.23")
30 mm (1.18")
15 mm (0.59")
33.5 mm (1.32")
SLM80
80 mm (3.15")
112 mm (4.41")
60 mm (2.36")
48.5 mm (1.91")
SLM120
120 mm (4.72")
120.7 mm
(4.75")
152 mm (5.98")
140 mm
(5.51")
100 mm (3.94")
30 mm (1.18")
46 mm (1.81")
130 mm
(5.12")
SLM180
180 mm (7.09")
212 mm (8.35")
160 mm (6.30")
70 mm (2.76")
56 mm (2.20")
SLM220
220 mm (8.66")
252 mm (9.92")
200 mm (7.87")
90 mm (3.54")
66 mm (2.60")
SLM Series Slot Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 122703 Rev. G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com