Electronic Components Datasheet Search
  English  ▼

X  

SLM50 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SLM50
Description  SLM Series Slot Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLM50 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SLM50 Datasheet HTML 1Page - Banner Engineering Corp. SLM50 Datasheet HTML 2Page - Banner Engineering Corp. SLM50 Datasheet HTML 3Page - Banner Engineering Corp. SLM50 Datasheet HTML 4Page - Banner Engineering Corp. SLM50 Datasheet HTML 5Page - Banner Engineering Corp. SLM50 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications
Supply Voltage and Current
10 V dc to 30 V dc (10% max. ripple) at less than 25 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Cabled and Euro-style QD models: Bipolar: One current sourcing (PNP) and one
current sinking (NPN)
Pico-style QD models: Current sourcing (PNP) or current sinking (NPN),
depending on model
Output Rating
100 mA with short circuit protection
OFF-state leakage current:
NPN: < 200 µA
PNP: < 10 μA
ON-state saturation voltage:
NPN: 1.6 V at 100 mA
PNP: 2.0 V at 100 mA
Output Protection Circuitry
Protected against output short-circuit and false pulse on power up
100 ms max. delay at power up; outputs do not conduct during this time
Output Response Time
500 microseconds
Repeatability
95 microseconds
Operating Conditions
−20 °C to +60 °C (−4 °F to +140 °F)
95% at +55 °C maximum relative humidity (non-condensing)
Slot Opening
10 mm, 20 mm, 30 mm, 50 mm, 80 mm, 120 mm, 180 mm, or 220 mm
(depending on model); beam is 5 mm (0.2 in) from outer edge
Adjustments
1-turn potentiometer sensitivity adjustment
Light/dark operate selection switch
Indicators
Two LED Indicators: Power (green) and Output (amber)
Green on: Power on
Green flashing: Sensor short circuit
Amber on: Output is activated
Construction
Housing: die-cast zinc with nickel plating
Endcaps: ABS
Optic windows: acrylic
Connections
Cabled models: 2 m (6.5 ft) or 9 m (30 ft) 4-conductor, PVC-jacketed cable
Pico-style QD models: 3-pin, threaded integral QD connector
Euro-style QD models: 150 mm (6 in) PUR cable with 4-pin, threaded connector
Environmental Rating
IEC IP67; NEMA 6
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local
and national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
E224071
SLM10
SLM20
SLM30
SLM50
SLM80
SLM120
SLM180
SLM220
Minimum object detection at
maximum gain 3
1.00 mm
(0.040 in)
1.25 mm
(0.050 in)
1.50 mm
(0.060 in)
1.65 mm
(0.065 in)
1.80 mm
(0.070 in)
1.80 mm
(0.070 in)
1.80 mm
(0.070 in)
2.40 mm
(0.095 in)
Minimum object detection at 2
times excess gain3
0.30 mm
(0.012 in)
0.30 mm
(0.012 in)
0.40 mm
(0.016 in)
0.60 mm
(0.024 in)
0.75 mm
(0.030 in)
0.90 mm
(0.035 in)
0.90 mm
(0.035 in)
1.00 mm
(0.039 in)
Hysteresis4
0.10 mm
(0.004 in)
0.10 mm
(0.004 in)
0.10 mm
(0.004 in)
0.10 mm
(0.004 in)
0.20 mm
(0.008 in)
0.20 mm
(0.008 in)
0.20 mm
(0.008 in)
0.20 mm
(0.008 in)
Repeatability 5
0.02 mm
(0.001 in)
0.02 mm
(0.001 in)
0.02 mm
(0.001 in)
0.04 mm
(0.002 in)
0.06 mm
(0.002 in)
0.08 mm
(0.003 in)
0.08 mm
(0.003 in)
0.08 mm
(0.003 in)
3 The smallest diameter rod that can be detected when passed slowly through sensing beam. Minimum object detection is measured midway between the emitter
and receiver. For best results, place the object to be detected in the midway position when possible. The minimum object detection size may increase if the
object is very close to the receiver side.
4 The distance an object must move to toggle between output OFF and output ON state.
5 The variation in switching distance for a standard target at controlled sensing conditions.
SLM Series Slot Sensors
P/N 122703 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com