Electronic Components Datasheet Search
  English  ▼

X  

SLM50 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SLM50
Description  SLM Series Slot Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLM50 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SLM50 Datasheet HTML 1Page - Banner Engineering Corp. SLM50 Datasheet HTML 2Page - Banner Engineering Corp. SLM50 Datasheet HTML 3Page - Banner Engineering Corp. SLM50 Datasheet HTML 4Page - Banner Engineering Corp. SLM50 Datasheet HTML 5Page - Banner Engineering Corp. SLM50 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
• An easy-to-use, self-contained, opposed-mode sensor pair in a U-shaped housing
• Rugged, sealed, die-cast metal housing is rated IEC IP67 (NEMA 6)
• Easy and economical to mount; molded-in beam guides simplify beam placement
• Eight slot widths from 10 mm to 220 mm for a wide variety of sensing applications
• Current sourcing (PNP), current sinking (NPN), or bipolar (one NPN and one PNP)
output, depending on model
• Fast 500-microsecond response time
• 10 V dc to 30 V dc supply voltage
• Single-turn potentiometer sensitivity adjustment
• Visible red beam
• Selectable Light Operate (L.O.) or Dark Operate (D.O.) with sealed switch
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
QD Models 1
Slot Width
Output Type
SLM10P6Q
10 mm (0.39 in)
PNP
SLM10N6Q
NPN
SLM20P6Q
20 mm (0.79 in)
PNP
SLM20N6Q
NPN
SLM30P6Q
30 mm (1.18 in)
PNP
SLM30N6Q
NPN
SLM50P6Q
50 mm (1.97 in)
PNP
SLM50N6Q
NPN
SLM80P6Q
80 mm (3.15 in)
PNP
SLM80N6Q
NPN
SLM120P6Q
120 mm (4.72 in)
PNP
SLM120N6Q
NPN
SLM180P6Q
180 mm (7.09 in)
PNP
SLM180N6Q
NPN
SLM220P6Q
220 mm (8.66 in)
PNP
SLM220N6Q
NPN
Cabled Models 2
Slot Width
Output Type
SLM10B6
10 mm (0.39 in)
Bipolar (one NPN and
one PNP)
SLM20B6
20 mm (0.79 in)
SLM30B6
30 mm (1.18 in)
SLM50B6
50 mm (1.97 in)
SLM80B6
80 mm (3.15 in)
SLM120B6
120 mm (4.72 in)
SLM180B6
180 mm (7.09 in)
SLM220B6
220 mm (8.66 in)
1 Integral 3-pin M8/Pico-style quick disconnect models are listed. Models with a quick disconnect require a mating cordset.
2 Integral 2 m (6.5 ft) unterminated cable models are listed.
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, SLM10B6 W/30.
•
To order the 150 mm (6 in) PUR cable model with a 4-pin M12/Euro-style quick disconnect, add the suffix "QPMA" to the model number. For
example, SLM10B6QPMA.
•
Models with a quick disconnect require a mating cordset.
SLM Series Slot Sensors
Original Document
122703 Rev. G
3 April 2017
122703


Similar Part No. - SLM50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SLM54 MACOM-SLM54 Datasheet
163Kb / 3P
SPIN-LOCK ADAPTER, SHRINKABLE MOLDED PART, SEALED
logo
Chenmko Enterprise Co. ...
SLM5817PT CHENMKO-SLM5817PT Datasheet
71Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SLM50

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744242101 WURTH-744242101 Datasheet
103Kb / 3P
COMMON MODE SMD LINE FILTER WE-SLM
744242110 WURTH-744242110 Datasheet
101Kb / 3P
COMMON MODE SMD LINE FILTER WE-SLM
744242220 WURTH-744242220 Datasheet
101Kb / 3P
COMMON MODE SMD LINE FILTER WE-SLM
744242330 WURTH-744242330 Datasheet
102Kb / 3P
COMMON MODE SMD LINE FILTER WE-SLM
744242510 WURTH-744242510 Datasheet
102Kb / 3P
COMMON MODE SMD LINE FILTER WE-SLM
logo
XP Power Limited
SL-300-600 XPPOWER-SL-300-600 Datasheet
166Kb / 2P
Industrial (SL) & Medical (SLM) Versions
logo
List of Unclassifed Man...
SFM3300-AW ETC2-SFM3300-AW Datasheet
392Kb / 7P
Flow range: 짹 250 slm (bidirectional)
logo
Carlo Gavazzi Holding A...
ISYC3 CARLOGAVAZZI-ISYC3 Datasheet
42Kb / 1P
Proximity Magnetic Sensors Slot Sensors ISY Series
IMS1 CARLOGAVAZZI-IMS1 Datasheet
41Kb / 1P
Proximity Magnetic Sensors Slot Sensors IM Series
logo
Lapp.
72400001 LAPP-72400001 Datasheet
109Kb / 1P
EPIC® SIGNAL M23 SCM/SLM
17.09.2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com