Electronic Components Datasheet Search
  English  ▼

X  

SLM50 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SLM50
Description  SLM Series Slot Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLM50 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SLM50 Datasheet HTML 1Page - Banner Engineering Corp. SLM50 Datasheet HTML 2Page - Banner Engineering Corp. SLM50 Datasheet HTML 3Page - Banner Engineering Corp. SLM50 Datasheet HTML 4Page - Banner Engineering Corp. SLM50 Datasheet HTML 5Page - Banner Engineering Corp. SLM50 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Overview
The SLM Series Slot Sensor (sometimes called a “fork sensor”) comprises an opposed-mode emitter and its receiver inside a single
convenient housing.
Opposed-mode sensing is very reliable, and the single, self-contained housing provides easy installation, with no sensor alignment
required. In addition, molded-in arrows on the housing show at a glance the position of the beam, simplifying installation placement.
Applications include counting, gear tooth detection, edge detection, part sensing on conveyor rails and belts, position and orientation
verification, dimension verification, tool break monitoring, and level monitoring.
2
1
3 4
5
6
7 (x2)
8
9
1. Output LED (amber)
2. Power on LED (green)
3. Dark/Light Operate select switch
4. Sensitivity potentiometer
5. Receiver aperture
6. Emitter aperture
7. Beam position arrows
8. Mounting hole (all models except SLM10 and SLM20)
9. Mounting holes (all models)
Wiring Diagrams
NPN
10–30 V dc
–
+
3
1
4
Load
PNP
10–30 V dc
–
+
3
1
4
Load
Bipolar
10–30 V dc
–
+
1
3
2
4
Load
Load
Key
1. Brown
2. White
3. Blue
4. Black
Configuring the Sensor
For the best results, place the objects to be detected midway between the emitter and receiver.
Adjusting the Sensitivity
Adjust the sensor’s sensitivity by turning the 270-degree-turn Sensitivity potentiometer with a small flat-blade screwdriver.
Apply power to the sensor and turn the potentiometer all the way clockwise (maximum gain). If the object to be sensed does not block
the beam at the maximum gain, turn the gain down a little at a time, testing with the object, until the object can be sensed reliably.
If adjusting the sensitivity with the potentiometer does not provide reliable object detection, investigate alternative sensing methods.
Selecting Light or Dark Operate
Select dark operate (D.O.) or light operate (L.O.) by turning the DO/LO selector switch to the desired setting using a small flat-blade
screwdriver.
If dark operate is selected, the output conducts when the receiver element does not see the emitted light (object is present). If light
operate is selected, the output conducts when the receiver element sees the emitted light (object is absent).
SLM Series Slot Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 122703 Rev. G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com