Electronic Components Datasheet Search
  English  ▼

X  

WLS15 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLS15
Description  WLS15 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS15 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLS15 Datasheet HTML 1Page - Banner Engineering Corp. WLS15 Datasheet HTML 2Page - Banner Engineering Corp. WLS15 Datasheet HTML 3Page - Banner Engineering Corp. WLS15 Datasheet HTML 4Page - Banner Engineering Corp. WLS15 Datasheet HTML 5Page - Banner Engineering Corp. WLS15 Datasheet HTML 6Page - Banner Engineering Corp. WLS15 Datasheet HTML 7Page - Banner Engineering Corp. WLS15 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
180°
130
108
87
65
43
22
0
22
43
65
87
Mount height of 1 meter (1 m)
108
130
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
1
1
1
0.5
0.5
0.5
0 m
0 m
0.5
1
Vertical Angle:
0° Vertical
90° Horizontal
110-132 lux
88-110 lux
22-24 lux
66-88 lux
44-66 lux
0-22 lux
Center Beam (lux)
2948 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 109.0°
Horizontal Spread: 116.6°
0.76 m 0.82 m
1.21 m 1.34 m
1.68 m 1.88 m
2.16 m 2.42 m
1031 lux
491 lux
275 lux
2.61 m 2.94 m
186 lux
3.08 m 3.48 m
110 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
Figure 2. 360 mm Models
180°
200
167
133
100
67
33
0
33
67
100
133
Mount height of 1 meter (1 m)
167
200
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
1
1
1
0.5
0.5
0.5
0 m
0 m
0.5
1
Vertical Angle:
0° Vertical
90° Horizontal
175-210 lux
140-175 lux
35-70 lux
105-140 lux
70-105 lux
0-35 lux
Center Beam (lux)
3450 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 109.0°
Horizontal Spread: 116.6°
0.90 m 0.96 m
1.35 m 1.48 m
1.82 m 2.02 m
2.30 m 2.56 m
1379 lux
679 lux
402 lux
2.75 m 3.08 m
270 lux
3.22 m 3.62 m
193 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
Figure 3. 500 mm Models
180°
260
217
173
130
87
43
0
43
87
130
173
Mount height of 1 meter (1 m)
217
260
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
1
1
1
0.5
0.5
0.5
0 m
0 m
0.5
1
Vertical Angle:
0° Vertical
90° Horizontal
225-270 lux
180-225 lux
45-90 lux
135-180 lux
90-135 lux
0-45 lux
Center Beam (lux)
3680 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 109.0°
Horizontal Spread: 116.6°
1.04 m 1.10 m
1.49 m 1.62 m
1.96 m 2.16 m
2.44 m 2.70 m
1619 lux
843 lux
514 lux
2.89 m 3.22 m
351 lux
3.36 m 3.76 m
253 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
Figure 4. 640 mm Models
WLS15 LED Strip Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 197493 Rev. F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com