Electronic Components Datasheet Search
  English  ▼

X  

WLS15 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # WLS15
Description  WLS15 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS15 Datasheet(HTML) 7 Page - Banner Engineering Corp.

  WLS15 Datasheet HTML 1Page - Banner Engineering Corp. WLS15 Datasheet HTML 2Page - Banner Engineering Corp. WLS15 Datasheet HTML 3Page - Banner Engineering Corp. WLS15 Datasheet HTML 4Page - Banner Engineering Corp. WLS15 Datasheet HTML 5Page - Banner Engineering Corp. WLS15 Datasheet HTML 6Page - Banner Engineering Corp. WLS15 Datasheet HTML 7Page - Banner Engineering Corp. WLS15 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2-Pin Deutsch Cordset—Double Ended
Model
Length
Style
Dimensions
Pinout
DTMEC-2005
0.16 m (0.5 ft)
Straight
63 Typ.
59 Typ.
12.5
16.8
Male
2
1
Female
2
1
1 = Brown
2 = Blue
DTMEC-201
0.31 m (1. ft)
DTMEC-203
0.91 m (3 ft)
DTMEC-206
1.83 m (6 ft)
DTMEC-212
3.66 m (12 ft)
DTMEC-220
6.10 m (20 ft)
DTMEC-230
9.14 m (30 ft)
Mounting Accessories
LMBWLS15
•
Stainless steel clip bracket
•
Includes 3 clip brackets and 2 plastic
spacers
•
Clearance hole for M5 hardware
16
27
25
Ø5.2
LMBWLS15-150S
•
Set of 2 stainless steel swivel bracket,
allows for 150° of movement
•
Clearance hole for M5 button head screw
38
27
25
Ø5.4
LMBWLS15MAG
•
Set of 2 brackets
•
Magnetic mounting bracket for
attachment to steel and iron surfaces
23
27
25
Ø36
LMBWLS15TD
•
Includes 4 100 mm (4 in)
strips of 3M™ Dual Lock™
reclosable fasteners
•
Recommended for
mounting to metal and
plastic surfaces
•
Strong, pressure-sensitive
adhesive bonds on contact
LMBWLS15TF
•
Includes 2 100 mm (4 in)
strips of double-sided foam
urethane strips
•
Acrylic adhesive provides
high bond strength to most
surfaces
•
Bonds to low surface
energy plastics such as
polypropylene and powder
coated paints
ACC-CAP Euro-10
•
10 Caps
•
Seal and protect exposed,
unterminated cascade quick
disconnect connectors
All measurements are listed in millimeters [inches], unless noted otherwise.
WLS15 LED Strip Light
P/N 197493 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com