Electronic Components Datasheet Search
  English  ▼

X  

WLS15 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS15
Description  WLS15 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS15 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS15 Datasheet HTML 1Page - Banner Engineering Corp. WLS15 Datasheet HTML 2Page - Banner Engineering Corp. WLS15 Datasheet HTML 3Page - Banner Engineering Corp. WLS15 Datasheet HTML 4Page - Banner Engineering Corp. WLS15 Datasheet HTML 5Page - Banner Engineering Corp. WLS15 Datasheet HTML 6Page - Banner Engineering Corp. WLS15 Datasheet HTML 7Page - Banner Engineering Corp. WLS15 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Instruction Manual
Banner's WLS15 LED Strip Lights have sturdy aluminum inner frames, encased in shatter resistant,
UV-stabilized, polycarbonate shells, making them ideal for indoor and outdoor applications.
•
Low-profile, space-saving design
•
Rugged, water-resistant design
•
Available in six lengths from 220 mm to 1200 mm
•
Daisy chain power to multiple lights
•
Optional snap clips for easy installation and repositioning
•
Capability to dim lights using PWM input
•
Operates on 12 V dc or 24 V dc in one model
•
Models are available with two colors in one device
These Work Light Strips are available as either stand-alone models, or as cascade models that can
be "daisy-chained" together for longer lighting runs, with a minimum of wiring.
Stand-alone models have one end for power connection and no connections at opposite end. A
stand-alone model may be used as the last in the cascade series.
Cascade models have one end for power connection, and a connection at the opposite end for
connecting to other lights in the cascade. A double-ended accessory cordset may be used between
each pair of lights in a cascade to extend the distance between lights.
For PWM dimming, use with the LC65P2T 2-wire dimmer module. For more information, refer to the LC65
LED Dimmer Module datasheet, p/n
177086. This module can only be used with the single color models.
Single Color Models
WLS15
C
DW
0360
D
S
C2
Connector*
Construction
Window
Length
Color
Cascadable
Family
C = Cascadable
X = Non-cascadable
DW = Daylight white
WW = Warm white
0220 mm (6 in)
0360 mm (1 ft)
0500 mm (1.5 ft)
0640 mm (2 ft)
0920 mm (3 ft)
1200 mm (4 ft)
D = Diffuse
S = Sealed
(IEC IP66, IEC IP67)
C2 = 2 m (6.5 ft) integral PVC cable
QP = 150 mm (5.9 in) PVC cable with
M12/Euro-style quick disconnect
QS = 150 mm (5.9 in) PVC cable with
Deutsch DTM connector
*Models with a quick disconnect or Deutsch
DTM connector require a mating cordset
Dual Color Models
WLS15
C
W
0360
D
S
C2
Connector*
Construction
Window
Length
Color 1
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Daylight white
B = Blue
G = Green
R = Red
Y = Yellow
A = Amber
0220 mm (6 in)
0360 mm (1 ft)
0500 mm (1.5 ft)
0640 mm (2 ft)
0920 mm (3 ft)
1200 mm (4 ft)
D = Diffuse
S = Sealed
(IEC IP66, IEC IP67)
C2 = 2 m (6.5 ft) integral PVC cable
QP = 150 mm (5.9 in) PVC cable with
M12/Euro-style quick disconnect
*Models with a quick disconnect require a mating cordset
R
Color 2
WLS15 LED Strip Light
Original Document
197493 Rev. F
15 February 2019
197493


Similar Part No. - WLS15

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15 Datasheet
220Kb / 2P
WLS15 LED Strip Light
WLS15CAA0220DSC2 BANNER-WLS15CAA0220DSC2 Datasheet
220Kb / 2P
WLS15 LED Strip Light
WLS15CAA0220DSQP BANNER-WLS15CAA0220DSQP Datasheet
220Kb / 2P
WLS15 LED Strip Light
WLS15CAA0360DSC2 BANNER-WLS15CAA0360DSC2 Datasheet
220Kb / 2P
WLS15 LED Strip Light
WLS15CAA0360DSQP BANNER-WLS15CAA0360DSQP Datasheet
220Kb / 2P
WLS15 LED Strip Light
More results

Similar Description - WLS15

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15_V01 Datasheet
220Kb / 2P
WLS15 LED Strip Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com