Electronic Components Datasheet Search
  English  ▼

X  

WLS15 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLS15
Description  WLS15 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS15 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLS15 Datasheet HTML 1Page - Banner Engineering Corp. WLS15 Datasheet HTML 2Page - Banner Engineering Corp. WLS15 Datasheet HTML 3Page - Banner Engineering Corp. WLS15 Datasheet HTML 4Page - Banner Engineering Corp. WLS15 Datasheet HTML 5Page - Banner Engineering Corp. WLS15 Datasheet HTML 6Page - Banner Engineering Corp. WLS15 Datasheet HTML 7Page - Banner Engineering Corp. WLS15 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Light Characteristics
Color
Dominant Wavelenth (nm) or Color
Temperature
Lighted Length Lumens (Typical at 25°C)1
220 mm
360 mm
500 mm
640 mm
920 mm
1200 mm
Daylight White
5000K (±300K)
175
350
525
700
1050
1400
Warm White
3000K (±200K, -100K)
170
340
510
680
1020
1360
Green
525 nm
105
210
315
420
630
840
Red
625 nm
55
110
165
220
330
440
Yellow
580 nm
165
330
495
660
990
1320
Blue
470 nm
25
50
75
100
150
200
Amber
590 nm
55
110
165
220
330
440
Dimensions
L1
L2
L3
Models
L1
L2
L3
WLS15..0220..
146.4 mm (5.76 inches)
194 mm (7.64 inches)
220 mm (8.66 inches)
WLS15..0360..
286.4 mm (11.28 inches)
334 mm (13.15 inches)
360 mm (14.17 inches)
WLS15..0500..
426.4 mm (16.79 inches)
474 mm (18.66 inches)
500 mm (19.69 inches)
WLS15..0640..
566.4 mm (22.3 inches)
614 mm (24.17 inches)
640 mm (25.2 inches)
WLS15..0920..
846.4 mm (33.32 inches)
894 mm (35.2 inches)
920 mm (36.22 inches)
WLS15..1200..
1126.4 mm (44.35 inches)
1174 mm (46.22 inches)
1200 mm (47.24 inches)
Performance Curves
Optical data shown below is for daylight white only. To get lux and candela values for warm white, green, red, yellow, blue, and
amber, multiply the values shown on the charts by the following factors:
•
Warm white: 0.971
•
Green: 0.600
•
Red: 0.314
•
Yellow: 0.943
•
Blue: 0.143
•
Amber: 0.314
180°
65
54
43
33
22
11
0
11
22
33
43
Center Beam (lux)
1805 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 109.0°
Horizontal Spread: 116.6°
0.62 m 0.68 m
1.07 m 1.20 m
1.54 m 1.74 m
Mount height of 1 meter (1 m)
2.02 m 2.28 m
540 lux
247 lux
139 lux
2.47 m 2.80 m
93 lux
2.94 m 3.34 m
61 lux
Beam Width (m)
54
65
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
Vertical Angle:
0° Vertical
90° Horizontal
60-72 lux
48-60 lux
12-24 lux
36-48 lux
24-36 lux
0-12 lux
1
1
1
0.5
0.5
0.5
0 m
0 m
0.5
1
Figure 1. 220 mm Models
WLS15 LED Strip Light
P/N 197493 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com