Electronic Components Datasheet Search
  English  ▼

X  

AT30TS01 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT30TS01
Description  짹0.5째C Accurate, 1.7V Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS01 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT30TS01 Datasheet HTML 1Page - ATMEL Corporation AT30TS01 Datasheet HTML 2Page - ATMEL Corporation AT30TS01 Datasheet HTML 3Page - ATMEL Corporation AT30TS01 Datasheet HTML 4Page - ATMEL Corporation AT30TS01 Datasheet HTML 5Page - ATMEL Corporation AT30TS01 Datasheet HTML 6Page - ATMEL Corporation AT30TS01 Datasheet HTML 7Page - ATMEL Corporation AT30TS01 Datasheet HTML 8Page - ATMEL Corporation AT30TS01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Atmel-8952A-DTS-AT30TS01-Datasheet_122015
Features
Low Power I2C Digital Temperature Sensor
JEDEC JC42.4 Component Specification Compliant
Low Voltage Operation
̶
Optimized for VCC range of 1.7V to 3.6V
2-wire Serial Interface: I2C Fast Mode Plus (FM+) Compatible
̶
100kHz, 400kHz, and 1MHz Compatibility
̶
Bus Timeout Supported
Schmitt Trigger, Filtered Inputs for Noise Suppression
Industry Standard Green (Pb/Halide-free/RoHS compliant) Package Option
̶
8-pad Very Very Thin DFN (2.0 x 3.0 x 0.8mm)
Temperature Sensor Features
Measures Temperature From -40°C to +125°C
Temperature Converted to Digital Data with 12-bit Resolution
Highly Accurate Temperature Measurements Requiring No External
Components
̶
±0.5°C/ ±1.0°C Accuracy (typ/max) Over the +75°C to +95°C Range
̶
±1.0°C/ ±2.0°C Accuracy (typ/max) Over the +40°C to +125°C Range
̶
±2.0°C/ ±3.0°C Accuracy (typ/max) Over the -20°C to +125°C Range
Programmable Hysteresis Threshold: Off, 0°C, 1.5°C, 3.0°C, and 6.0°C
Low Operating Current
̶
Temperature Sensor Active ~0.2mA (Typical)
Typical Applications
Temperature Sensing for Solid State Drive (SSD)
Internet of Things Wearable Devices
Servers, Laptops, and PC Boards
Handheld/Portable Devices
PC Peripherals
Medical Consumables
Industrial Applications
Consumer Electronics
General Purpose Temperature Monitoring
AT30TS01
±0.5°C Accurate, 1.7V Digital Temperature Sensor
DATASHEET


Similar Part No. - AT30TS01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
AT30TS00-MAH-T ATMEL-AT30TS00-MAH-T Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
More results

Similar Description - AT30TS01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP05 AD-TMP05 Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
logo
ATMEL Corporation
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
logo
ATMEL Corporation
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com