Electronic Components Datasheet Search
  English  ▼

X  

AT30TS01 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT30TS01
Description  짹0.5째C Accurate, 1.7V Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS01 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT30TS01 Datasheet HTML 1Page - ATMEL Corporation AT30TS01 Datasheet HTML 2Page - ATMEL Corporation AT30TS01 Datasheet HTML 3Page - ATMEL Corporation AT30TS01 Datasheet HTML 4Page - ATMEL Corporation AT30TS01 Datasheet HTML 5Page - ATMEL Corporation AT30TS01 Datasheet HTML 6Page - ATMEL Corporation AT30TS01 Datasheet HTML 7Page - ATMEL Corporation AT30TS01 Datasheet HTML 8Page - ATMEL Corporation AT30TS01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
AT30TS01 [DATASHEET]
Atmel-8952A-DTS-AT30TS01-Datasheet_122015
1.
Description
The Atmel® AT30TS01 is a digital temperature sensor device with accuracy up to ±0.5°C designed to target low
voltage (1.7V VCC or higher) applications that require the highest level of temperature readout. The AT30TS01 is
fully compliant with the JEDEC JC42.4 Component Specification.
The AT30TS01 continuously monitors temperature and updates the data in the temperature register, and the
temperature data is latched internally by the device and may be read by software via a bus Master at anytime.
The AT30TS01 incorporates several user programmable internal registers to configure and optimize the
temperature sensor’s performance to provide maximum flexibility for temperature sensing applications. The
device contains flexible programmable high, low, and critical temperature limits. The result of the digitized
temperature measurements are stored in one of the AT30TS01 internal registers, which is readable at any time
through the device’s serial interface. The EVENT pin is an active low output and can be configured to operate as
an Interrupt or as a Comparator output. The Manufacturer and Device ID Registers provide the ability to confirm
the identity of the device. The AT30TS01 supports the industry standard 2-wire I2C FM plus (Fast Mode +) serial
interface allowing device communication to operate up to 1MHz. A bus timeout feature is supported to help
prevent system lock-ups.
The AT30TS01 is factory-calibrated and requires no external components to measure temperature. With its
flexibility and high-degree of accuracy, the AT30TS01 is ideal for extended temperature measurements in a
wide variety of communication, computer, consumer, environmental, industrial, and instrumentation
applications. The AT30TS01 is available in a space saving WDFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com