Electronic Components Datasheet Search
  English  ▼

X  

AT30TS01 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT30TS01
Description  짹0.5째C Accurate, 1.7V Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS01 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT30TS01 Datasheet HTML 9Page - ATMEL Corporation AT30TS01 Datasheet HTML 10Page - ATMEL Corporation AT30TS01 Datasheet HTML 11Page - ATMEL Corporation AT30TS01 Datasheet HTML 12Page - ATMEL Corporation AT30TS01 Datasheet HTML 13Page - ATMEL Corporation AT30TS01 Datasheet HTML 14Page - ATMEL Corporation AT30TS01 Datasheet HTML 15Page - ATMEL Corporation AT30TS01 Datasheet HTML 16Page - ATMEL Corporation AT30TS01 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
AT30TS01 [DATASHEET]
Atmel-8952A-DTS-AT30TS01-Datasheet_122015
6.2.2
Capability Register (16-bit Read-only, Address = 00h)
This register is a 16-bit read-only register used to specify the functional capabilities of the temperature sensor.
The AT30TS01 is capable of measuring temperature with ±1
C over the active range and ±2C over the monitor
range. The Capability Register functions are described in Table 6-3 and Table 6-4.
Table 6-3.
Capability Register Bit Distribution
Table 6-4.
Capability Register Bit Description
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Symbol
RFU
Default Value
0
0
0
0
0
0
0
0
R/W Access
R
R
R
R
R
R
R
R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Symbol
EVSD
TMOUT
RFU
TPRES
RANGE
SACC
ICAP
Default Value
0
1
1
1
1
1
1
1
R/W Access
R
R
R
R
R
R
R
R
Bit
Symbol
Description
15:8
RFU
Reserved for Future Use. Read as Logic 0.
7
EVSD
Event Output Status During Shutdown Mode:
0 = The EVENT output freezes in its current state when entering shutdown. Upon exiting
shutdown, the EVENT output remains in theprevious state until the next thermal sample is
taken, or possibly sooner if EVENT pin is programmed for comparator mode.
6
TMOUT
Timeout:
1 = Bus Timeout supported within the range 25 to 35ms.
5
RFU
Reserved for Future Use. Read as Logic 1.
4:3
TPRES
Temperature Resolution:
11 = 0.0625C (12-bit) only.
2
RANGE
1 = Can read temperatures below 0°C and sets appropriate sign bit.
1
SACC
Supported Accuracy:
1 = Supports accuracy of ±1C over the active range (75C to 95C) and 2C over the (40C to
125
C) range.
0
ICAP
Interrupt Capability:
1 = Supports Interrupt capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com