Electronic Components Datasheet Search
  English  ▼

X  

AT30TS01 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT30TS01
Description  짹0.5째C Accurate, 1.7V Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS01 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT30TS01 Datasheet HTML 6Page - ATMEL Corporation AT30TS01 Datasheet HTML 7Page - ATMEL Corporation AT30TS01 Datasheet HTML 8Page - ATMEL Corporation AT30TS01 Datasheet HTML 9Page - ATMEL Corporation AT30TS01 Datasheet HTML 10Page - ATMEL Corporation AT30TS01 Datasheet HTML 11Page - ATMEL Corporation AT30TS01 Datasheet HTML 12Page - ATMEL Corporation AT30TS01 Datasheet HTML 13Page - ATMEL Corporation AT30TS01 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AT30TS01 [DATASHEET]
Atmel-8952A-DTS-AT30TS01-Datasheet_122015
10
5.
Device Addressing
The AT30TS01 requires a 7-bit device address and a Read/Write select bit following a Start condition from the
Master to initiate communication with either the temperature sensor. The device address byte is comprised of a
4-bit device type identifier followed by three device address bits (A2, A1,and A0) and a R/W bit and is clocked by
the Master on the SDA pin with the Most Significant bit first. The AT30TS01 responds to a unique device type
identifier of 0011b and is necessary to select the device for reading or writing. See the table below.
Table 5-1.
AT30TS01 Device Address Byte
The software device address bits (A2, A1, and A0) must match their corresponding hard-wired device address
inputs (A2, A1 and A0) allowing up to eight devices on the bus at the same time. See the table below. The eighth
bit of the address byte is the R/W operation selection bit. A Read operation is selected if this bit is a Logic 1, and
upon a compare of the device address byte, the AT30TS01 outputs an ACK during the ninth clock cycle. If a
compare is not true, the device outputs a NACK during the ninth clock cycle and returns the device to the low-
power Standby Mode.
Table 5-2.
Device Address Combinations
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
Device Type Identifier
Device Address
Read/Write
Temperature Sensor
0
0
1
1
A2
A1
A0
R/W
Software Device Address Bits
Hard-wired Device Address Inputs
A2, A1, A0
A2
A1
A0
0 0 0
GND
GND
GND
0 0 1
GND
GND
VCC
0 1 0
GND
VCC
GND
0 1 1
GND
VCC
VCC
1 0 0
VCC
GND
GND
1 0 1
VCC
GND
VCC
1 1 0
VCC
VCC
GND
1 1 1
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com