Electronic Components Datasheet Search
  English  ▼

X  

MAX1973 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1973 Datasheet HTML 1Page - Maxim Integrated Products MAX1973 Datasheet HTML 2Page - Maxim Integrated Products MAX1973 Datasheet HTML 3Page - Maxim Integrated Products MAX1973 Datasheet HTML 4Page - Maxim Integrated Products MAX1973 Datasheet HTML 5Page - Maxim Integrated Products MAX1973 Datasheet HTML 6Page - Maxim Integrated Products MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX1973/MAX1974 are constant-frequency
1.4MHz pulse-width-modulated (PWM) current-mode
step-down regulators. The output voltage can be set as
low as 0.75V using an external voltage-divider, or it can
be set to preset outputs of 1V, 1.5V (MAX1974), 1.8V,
or 2.5V (MAX1973) without requiring external resistors.
The MAX1973 also includes a voltage-margining fea-
ture that offsets the output voltage up or down 4% to
facilitate board-level production testing.
A fixed 1.4MHz operating frequency ensures operation
outside the DSL frequency band, provides fast transient
response, and allows the use of small external compo-
nents. Only 4.7µF input and output ceramic capacitors
are needed for 1A applications. Forced PWM operation
ensures a constant switching frequency over all load
conditions.
Output voltage accuracy is ±1% over load, line, and
temperature operating ranges. The MAX1973 features
voltage margining; the MAX1974 provides a POK out-
put to indicate when the output has reached 90% of its
nominal regulation voltage. Both devices are available
in small 10-pin µMAX packages.
Applications
Network Equipment
Cellular Base Stations
DSL and Wireless Modems/Routers
Optical Modules
Central-Office DSL and Telecom
DSP/ASIC Core and IO supplies
Features
o Tiny Circuit Footprint of 0.19in2
o Ultra-Low Circuit Height of 1.8mm
o 4.7µF Ceramic Input and Output Capacitors
o 2.6V to 5.5V Input Voltage
o 1A Output Current
o 1% Accurate
o Built-In ±4% Logic-Controlled Voltage Margining
(MAX1973)
o Preset 1V, 1.5V, 1.8V, 2.5V, or 0.75V to VIN
Adjustable Output
o Fixed-Frequency PWM Current-Mode Operation
o 1.4MHz Switching Frequency, Operate Outside
DSL Band
o 100% Duty-Cycle Dropout Capability
o Small External Components
Smallest 1A, 1.4MHz Step-Down Regulators
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
CTL1
IN
LX
PGND
SS
FB
COMP
FBSEL
MAX1973
µMAX
TOP VIEW
CTL2
GND
1
2
3
4
5
10
9
8
7
6
ON
IN
LX
PGND
SS
FB
COMP
FBSEL
MAX1974
µMAX
POK
GND
Pin Configurations
Ordering Information
MAX1973
IN
COMP
FBSEL
SS
GND
LX
FB
CTL1
CTL2
PGND
INPUT
2.6V TO 5.5V
MAX1974 OUTPUT DOWN TO 0.75V
VOLTAGE
MARGINING
ON/OFF
OUTPUT
1.25V TO VIN
1A
Typical Operating Circuit
19-2547; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1973EUB
-40
°C to +85°C
10 µMAX
MAX1974EUB
-40
°C to +85°C
10 µMAX
Selector Guide appears at end of data sheet.


Similar Part No. - MAX1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973EUB MAXIM-MAX1973EUB Datasheet
48Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 9, 2003
More results

Similar Description - MAX1973

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
1A, 16V, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com