Electronic Components Datasheet Search
  English  ▼

X  

MAX1973 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1973 Datasheet HTML 1Page - Maxim Integrated Products MAX1973 Datasheet HTML 2Page - Maxim Integrated Products MAX1973 Datasheet HTML 3Page - Maxim Integrated Products MAX1973 Datasheet HTML 4Page - Maxim Integrated Products MAX1973 Datasheet HTML 5Page - Maxim Integrated Products MAX1973 Datasheet HTML 6Page - Maxim Integrated Products MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Smallest 1A, 1.4MHz Step-Down Regulators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCTL_ = 3.3V, FB = OUT, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SS Source Current
-25
-20
-15
µA
SS Sink Current
10
20
35
µA
SS to GND Resistance in
Shutdown
540
100
Ω
FBSEL
Low Input Threshold
0.3
V
High Input Threshold
VIN -
0.3
V
Input Bias Current
FBSEL = GND or IN, VIN = 5.5V
-20
10
+20
µA
COMP
Transconductance from FB to
COMP
40
60
80
µS
COMP to GND Resistance in
Shutdown
540
100
Ω
Clamp Voltage Low
0.6
0.9
1.2
V
Clamp Voltage High
1.35
1.75
2.15
V
LX
On-Resistance High
VIN = 3.3V
0.23
0.46
Ω
On-Resistance Low
VIN = 3.3V
0.16
0.32
Ω
Current-Sense Transresistance
0.275
0.335
0.425
V/A
Positive Current-Limit Threshold
1.1
1.6
1.75
A
Negative Current-Limit Threshold
-1.2
-0.8
-0.4
A
VLX = VIN = 5.5V
20
LX Shutdown Leakage Current
LX = GND, VIN = 5.5V
-20
µA
Switching Frequency
1.2
1.4
1.6
MHz
CTL1, CTL2 (MAX1973), ON (MAX1974)
Logic-Low Input Threshold
0.6
V
Logic-High Input Threshold
1.6
V
Logic Input Current
-1
+1
µA
POK (MAX1974 only)
Output Low Voltage
POK sinking 1mA
10
100
mV
Rising
90
92.5
95
Output Valid Threshold for POK
Percentage of nominal
regulation voltage
Falling
88
90
92
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com