Electronic Components Datasheet Search
  English  ▼

X  

MAX1973 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1973 Datasheet HTML 1Page - Maxim Integrated Products MAX1973 Datasheet HTML 2Page - Maxim Integrated Products MAX1973 Datasheet HTML 3Page - Maxim Integrated Products MAX1973 Datasheet HTML 4Page - Maxim Integrated Products MAX1973 Datasheet HTML 5Page - Maxim Integrated Products MAX1973 Datasheet HTML 6Page - Maxim Integrated Products MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Smallest 1A, 1.4MHz Step-Down Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, POK, CTL1, CTL2, FBSEL, ON to GND ..............-0.3V to +6V
COMP, FB, SS to GND ................................-0.3V to (VIN + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
LX Current (Note 1) ...............................................-2.4A to +2.4A
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) .......... 444mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = VCTL_ = 3.3V, FB = OUT, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN
IN Voltage Range
2.6
5.5
V
IN Undervoltage Lockout
Threshold
Rising and falling, hysteresis is 25mV (typ)
2.2
2.35
2.5
V
Supply Current
Switching with no load
4.0
7.5
mA
Supply Current in Dropout
VOUT set for 3.6V
3
5
mA
Shutdown Supply Current
VIN = 5.5V
0.1
10
µA
FB
MAX1973
1.25
VIN
Output Voltage Range
MAX1974
0.75
VIN
V
FBSEL not connected
1.2375
1.25
1.2625
FBSEL = GND
1.7820
1.8
1.8180
MAX1973
FBSEL = IN
2.4750
2.5
2.5250
FBSEL not connected
0.7425
0.75
0.7575
FBSEL = GND
0.99
1.00
1.01
FB Regulation Voltage
MAX1974
FBSEL = IN
1.485
1.500
1.515
V
FB Regulation Voltage
Positive Voltage Margining
MAX1973, CTL1 = GND, CTL2 = IN
+3
+4
+5
%
FB Regulation Voltage
Negative Voltage Margining
MAX1973, CTL1 = IN, CTL2 = GND
-3
-4
-5
%
FB Input Resistance to GND in
Preset Output Modes
10
30
70
k
Ω
FB Input Bias Current
FBSEL not connected
-0.1
0.01
+0.1
µA
SS (REFERENCE OUTPUT)
MAX1974
0.75
SS Voltage
MAX1973
1.25
V
Note 1: LX has internal clamp diodes to IN and PGND. Applications that forward bias these diodes should take care not to exceed
the IC package power dissipation limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com