Electronic Components Datasheet Search
  English  ▼

X  

MAX1973 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products MAX1973 Datasheet HTML 10Page - Maxim Integrated Products MAX1973 Datasheet HTML 11Page - Maxim Integrated Products MAX1973 Datasheet HTML 12Page - Maxim Integrated Products MAX1973 Datasheet HTML 13Page - Maxim Integrated Products MAX1973 Datasheet HTML 14Page - Maxim Integrated Products MAX1973 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
VOUT = 2.5V
IOUT(MAX) = 1A
COUT = 4.7µF
VFB = 1.25V
RCS = 0.26
Ω
gm = 50µS
fC = 140kHz
Select the nearest standard value: CC = 560pF
Select the nearest standard value: RC = 43k
Ω
PC Board Layout
A properly designed PC board layout is important in
any switching regulator. The switching power stage
requires particular attention. Follow these guidelines for
good PC board layout:
1) Place decoupling capacitors as close to IC pins as
possible. Keep the power ground plane (connected
to PGND) and signal ground plane (connected to
GND) separate. Connect the two ground planes with
a single connection from PGND to GND.
2) Input and output capacitors are connected to the
power ground plane; all other capacitors are con-
nected to the signal ground plane.
3) Keep the high-current paths as short and wide as
possible.
4) If possible, connect IN, LX, and PGND separately to
a large land area to help cool the IC to further
improve efficiency and long-term reliability.
5) Ensure all feedback connections are short and
direct. Place feedback resistors (if used) as close to
the IC as possible.
6) Route high-speed switching nodes (LX) away from
sensitive analog areas (FB, COMP, SS).
R
C
C
V
I
k
C
OUT
C
OUT
OUT MAX
=×
×
=
×
×
×
×
=
−
−
05
47 10
560 10
25
05 1
41 9
6
12
.
..
.
.
()
Ω
C
V
IR
g
f
pF
C
FB
OUT MAX
CS
m
C
=
×
××
×
×
=
×
××
×
×
×
=
−
05
11
2
125
05 1
1
026
50 10
1
2
140000
547
6
.
.
..
()
π
π
Smallest 1A, 1.4MHz Step-Down Regulators
14
______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 1998
PROCESS: BiCMOS
VOUT (V)
CIN (µF)
COUT (µF)
CC (pF)
RC (k
Ω)
2.5
4.7
4.7
560
43
1.8
4.7
4.7
560
30
Table 4. Recommended Components for the MAX1973
VOUT (V)
CIN (µF)
COUT (µF)
CC (pF)
RC (k
Ω)
1.5
4.7
4.7
330
43
1.0
4.7
4.7
330
27
Table 5. Recommended Components for the MAX1974
Selector Guide
PART
FEATURES
OUTPUT PRESET
MAX1973EUB
Voltage Margining
1.8V or 2.5V
MAX1974EUB
Power-OK Output
1V or 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com