Electronic Components Datasheet Search
  English  ▼

X  

FC9931 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC9931
Description  Unity Power Factor LED Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9931 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC9931 Datasheet HTML 1Page - First Silicon Co., Ltd FC9931 Datasheet HTML 2Page - First Silicon Co., Ltd FC9931 Datasheet HTML 3Page - First Silicon Co., Ltd FC9931 Datasheet HTML 4Page - First Silicon Co., Ltd FC9931 Datasheet HTML 5Page - First Silicon Co., Ltd FC9931 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FC9931
2012. 10. 31
5/6
Revision No : 0
Functional Circuit Diagram
VIN
L1
L2
C1
Q1
D3
RS1
RS2
Rref2
Rref1
RCS1
RCS2
D4
VO
+
-
7.5V
VS1
+
_
VS2
+
_
VC1
+
_
iL2
iL1
Q
R
S
D1
D2
~AC
~AC
CIN
OSC
REG
CDD
GND
PWMD
CS2
VIN
CS1
RT
GATE
VDD
RT
FC9931
iL2
iL1
VDD
0
0
0
t
t
t
GATE
Switching Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com