Electronic Components Datasheet Search
  English  ▼

X  

FC9931 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9931
Description  Unity Power Factor LED Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9931 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC9931 Datasheet HTML 1Page - First Silicon Co., Ltd FC9931 Datasheet HTML 2Page - First Silicon Co., Ltd FC9931 Datasheet HTML 3Page - First Silicon Co., Ltd FC9931 Datasheet HTML 4Page - First Silicon Co., Ltd FC9931 Datasheet HTML 5Page - First Silicon Co., Ltd FC9931 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FC9931
2012. 10. 31
6/6
Revision No : 0
Pinout
8-Pin DIP/SOIC
16-Pin SOIC
No Connects (NC) are not internally connected and may be used for pass-thru PCB traces
Name SO-16 SO-8
DIP-8
Description
VIN
1
1
This pin is the input of a high voltage regulator.
CS1
4
2
This pin is used to sense the input and output
currents of the converter. It is the inverting input
of the internal comparator.
GND
5
3
Ground return for all the internal circuitry. This pin
must be electrically connected to the ground of the
power train.
GATE
8
4
This pin is the output GATE driver for an external
N-channel power MOSFET
PWM_D
9
5
When this pin is pulled to GND, switching of the
FC9931 is disabled. When the PWMD pin is
released, or external TTL high level is applied to
it, switching will resume. This feature is provided
for applications that require PWM dimming of the
LED lamp.
VDD
12
6
This is a power supply pin for all internal circuits.
It must be bypassed with a low ESR capacitor to
GND.
CS2
13
7
This pin is used to sense the input and output
currents of the converter. It is the inverting input
of the internal comparator.
RT
14
8
Oscillator control. A resistor connected between
this pin and GND sets the PWM frequency. A
resistor connected between this pin and GATE sets
the PWM off-time.
CS2
VIN
CS1
GND
GATE
RT
VDD
PWM_D
CS2
VIN
CS1
GND
GATE
RT
VDD
PWM_D
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com