Electronic Components Datasheet Search
  English  ▼

X  

FC9931 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC9931
Description  Unity Power Factor LED Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9931 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC9931 Datasheet HTML 1Page - First Silicon Co., Ltd FC9931 Datasheet HTML 2Page - First Silicon Co., Ltd FC9931 Datasheet HTML 3Page - First Silicon Co., Ltd FC9931 Datasheet HTML 4Page - First Silicon Co., Ltd FC9931 Datasheet HTML 5Page - First Silicon Co., Ltd FC9931 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FC9931
2012. 10. 31
3/6
Revision No : 0
Functional Description
Power Topology
The FC9931 is optimized to drive
single-stage, single-switch, non-isolated topology, cascading
an input power factor correction (PFC) buck-boost stage
and an output buck converter power stage. This power
converter topology offers numerous advantages useful
for driving high-brightness light emitting diodes (HB LED).
These advantages include unity power factor, low harmonic
distortion of the input AC line current, and low output current
ripple. The output load is decoupled from the input voltage
with a capacitor making the driver inherently failure-safe for
the output load. The power converter topology also permits
reducing the size of a filter capacitor needed, enabling use
of non-electrolytic capacitors. The latter advantage greatly
improves reliability of the overall solution.
The FC9931 is a peak current-mode controller that is
specifically designed to drive a constant current buck-
boost-buck power converter. This patent pending control
scheme features two identical current sense comparators
for detecting negative current signal levels. One of the
comparators regulates the output LED current, while the
other is used for sensing the input inductor current. The
second comparator is mainly responsible for the converter
start-up. The control scheme inherently features low inrush
current and input under-voltage protection. The FC9931 can
operate with programmable constant frequency or constant
off-time. In many cases, the constant off-time operating mode
is preferred, since it improves line regulation of the output
current, reduces voltage stress of the power components
and simplifies regulatory EMI compliance.
Input Voltage Regulator
The FC9931 can be powered directly from its VIN pin, and
takes a voltage from 8V to 450V. When a voltage is applied
at the VIN pin, the FC9931 seeks to maintain a constant
7.5V at the VDD pin. The V
DD voltage can be also used as a
reference for the current sense comparators. The regulator
is equipped with an under-voltage protection circuit which
shuts off the FC9931 when the voltage at the VDD pin falls
below 6.2V.
The VDD pin must be bypassed by a low ESR capacitor
(≥ 0.1µF) to provide a low impedance path for the high
frequency current of the output GATE driver.
The FC9931 can also be operated by supplying a voltage
at the VDD pin greater than the internally regulated voltage.
This will turn off the internal linear regulator and the FC9931
will function by drawing power from the external voltage
source connected to the VDD pin.
PWM Dimming and Wall Dimmer Compatibility
PWM Dimming can be achieved by applying a TTL-
compatible square wave signal at the PWMD pin. When the
PWMD pin is pulled high, the GATE driver is enabled and the
circuit operates normally. When the PWMD pin is left open
or connected to GND, the GATE driver is disabled and the
external MOSFET turns off. The FC9931 is designed so that
the signal at the PWMD pin inhibits the driver only, and the
IC need not go through the entire start-up cycle each time
ensuring a quick response time for the output current.
The power topology requires little filter capacitance at
the output, since the output current of the buck stage is
continuous, and since AC line filtering is accomplished
through the middle capacitor rather than the output one.
Therefore, disabling the FC9931 via its PWMD or VIN pins
can interrupt the output LED current in accordance with
the phase-controlled voltage waveform of a standard wall
dimmer.
Oscillator
Connecting an external resistor from RT pin to GND programs
switching frequency:
Connecting the resistor from the RT pin to the GATE
programs constant off-time:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com