Electronic Components Datasheet Search
  English  ▼

X  

FC9931 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9931
Description  Unity Power Factor LED Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9931 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9931 Datasheet HTML 1Page - First Silicon Co., Ltd FC9931 Datasheet HTML 2Page - First Silicon Co., Ltd FC9931 Datasheet HTML 3Page - First Silicon Co., Ltd FC9931 Datasheet HTML 4Page - First Silicon Co., Ltd FC9931 Datasheet HTML 5Page - First Silicon Co., Ltd FC9931 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FC9931
2012. 10. 31
1/6
Revision No : 0
Features
Constant output current
Large step-down ratio
Unity power factor
Low input current harmonic distortion
Fixed frequency or
fixed off-time operation
Internal 450V linear regulator
Input and output current sensing
Input current limit
Enable, PWM and phase dimming
Applications
Offline LED lamps and fixtures
Street lamps
T
raffic signals
Decorative lighting
General Description
The FC9931 is a
fixed frequency PWM controller IC designed
to control an
LED lamp driver using a single-stage PFC
buckboost-buck topology. It can
achieve a unity power factor
and a
very high step-down ratio that enables driving a single
high-brightness
LED from the 85-264VAC input without a
need for a power transformer. This topology allows reducing
the
filter capacitors and using non-electrolytic capacitors to
improve reliability. The FC9931 uses open-loop peak current
control to regulate both the input and the output current. This
control technique eliminates a need for loop compensation,
limits the input inrush current, and is inherently protected from
input under-voltage condition.
Capacitive isolation protects the LED Lamp from failure of the
switching MOSFET.
FC9931 provides a low-frequency PWM
dimming input that can accept an external control signal with a
duty ratio of 0-100% and a frequency of up to a few kilohertz.
The PWM dimming capability enables FC9931 phase control
solutions that can work with standard wall dimmers.
Typical Application Circuit
VIN
GATE
CS1
CS2
VDD
PWM
D
RT
GN
D
R
ref2
R
ref1
R
CS1
R
CS2
C2
VIN
L1
L2
C1
Q1
D3
R
S1
R
S2
D4
VO
+
-
D1
D2
~AC
~AC
C
IN
R
T
FC9931
Unity Power Factor LED Lamp Driver


Similar Part No. - FC9931

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
Universal High Brightness LED Driver
FC9910BP FS-FC9910BP Datasheet
600Kb / 10P
Universal High Brightness LED Driver
FC9910BX FS-FC9910BX Datasheet
600Kb / 10P
Universal High Brightness LED Driver
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
FC9920 FS-FC9920 Datasheet
513Kb / 7P
3-Pin Switch-Mode LED Lamp Driver
More results

Similar Description - FC9931

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9931 SUTEX-HV9931 Datasheet
516Kb / 7P
UNITY POWER FACTOR LED LAMP DRIVER
HV9931 SUTEX-HV9931_07 Datasheet
717Kb / 8P
HV9931 Unity Power Factor LED Lamp Driver
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
Unity power factor
AIT02ZPFC-01NL EMERSON-NETWORKPOWER-AIT02ZPFC-01NL Datasheet
83Kb / 2P
Unity power factor
logo
Princeton Technology Co...
PT6909 PTC-PT6909 Datasheet
177Kb / 4P
Power Factor Correction LED Driver
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
logo
Princeton Technology Co...
PT6909 PTC-PT6909_10 Datasheet
514Kb / 8P
Power Factor Correction LED Driver
logo
ON Semiconductor
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
Supertex, Inc
HV9931 SUTEX-HV9931_08 Datasheet
512Kb / 7P
HV9931 Unity Power Factor LED Lamp Driver
logo
ON Semiconductor
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com