Electronic Components Datasheet Search
  English  ▼

X  

EMC1823 Datasheet(PDF) 18 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 14Page - Microchip Technology EMC1823 Datasheet HTML 15Page - Microchip Technology EMC1823 Datasheet HTML 16Page - Microchip Technology EMC1823 Datasheet HTML 17Page - Microchip Technology EMC1823 Datasheet HTML 18Page - Microchip Technology EMC1823 Datasheet HTML 19Page - Microchip Technology EMC1823 Datasheet HTML 20Page - Microchip Technology EMC1823 Datasheet HTML 21Page - Microchip Technology EMC1823 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
7.4
Limit Register Interaction
The various Limit registers in the device interact based on both external conditions present on the diode
pins, as well as changes in register bits in the I2C interface.
7.4.1
High Limit Register
The High Limit Status register contains the Status bits that are set when a temperature channel high limit
is exceeded. If any of these bits are set, then the HIGH Status bit in the STATUS register is set. Reading
from the High Limit Status register clears all bits. Reading from the register will also clear the HIGH
Status bit in the STATUS register.
The ALERT pin will be set if the programmed number of consecutive alert counts has been met and any
of these Status bits are set.
The Status bits remain set until a read is performed, unless the ALERT pin is configured as a comparator
output (see 7.5.2 ALERT/THERM2 Pin in Therm Mode).
7.4.2
Low Limit Register
The Low Limit Status register contains the Status bits that are set when a temperature channel drops
below the low limit. If any of these bits are set, then the LOW Status bit in the STATUS register is set.
Reading from the Low Limit Status register clears all bits.
The ALERT pin will be set if the programmed number of consecutive alert counts has been met and any
of these Status bits are set.
The Status bits will remain set until a read is performed, unless the ALERT pin is configured as a
comparator output (see 7.5.2 ALERT/THERM2 Pin in Therm Mode).
7.4.3
THERM Limit Register
The Therm Limit registers are used to determine whether a critical thermal event has occurred. If the
measured temperature exceeds the therm limit, the THERM pin is asserted. The limit setting must match
the chosen data format of the temperature reading registers.
Unlike the ALERT pin, the THERM pin cannot be masked. Additionally, the THERM pin is released once
the temperature drops below the corresponding threshold, minus the Therm Hysteresis.
7.5
ALERT/THERM2 Output
The ALERT/THERM2 pin is an open-drain output and requires a pull-up resistor to VDD and has two
modes of operation: Interrupt mode and Comparator mode. The mode of the ALERT/THERM2 output is
selected through the ALERT/THERM2 bit (see CONFIG, Address 03h).
7.5.1
ALERT/THERM2 Pin Interrupt Mode
When configured to operate in Interrupt mode, the ALERT/THERM2 pin asserts low when an out-of-limit
measurement (less than or equal to the low limit or greater than the high limit) is detected on any diode or
when a Diode Fault is detected. The ALERT/THERM2 pin will remain asserted as long as an out-of-limit
condition remains. Once the out-of-limit condition has been removed, the ALERT/THERM2 pin remains
asserted until the appropriate Status bits are cleared.
The ALERT/THERM2 pin can be masked by setting the MASK_ALL bit. Once the ALERT/THERM2 pin
has been masked, it is deasserted and remains as such until the MASK_ALL bit is cleared by the user.
Any interrupt conditions that occur while the ALERT/THERM2 pin is masked causes the STATUS register
to be updated normally. There are also individual channel masks (see 8.11.22 DIODE FAULT MASK.)
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com