Electronic Components Datasheet Search
  English  ▼

X  

EMC1823 Datasheet(PDF) 19 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 19 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 15Page - Microchip Technology EMC1823 Datasheet HTML 16Page - Microchip Technology EMC1823 Datasheet HTML 17Page - Microchip Technology EMC1823 Datasheet HTML 18Page - Microchip Technology EMC1823 Datasheet HTML 19Page - Microchip Technology EMC1823 Datasheet HTML 20Page - Microchip Technology EMC1823 Datasheet HTML 21Page - Microchip Technology EMC1823 Datasheet HTML 22Page - Microchip Technology EMC1823 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
The ALERT/THERM2 pin is used as an interrupt signal or as an I2C Alert signal that allows an SMBus/I2C
slave to communicate an error condition to the master. One or more ALERT/THERM2 outputs can be
hard-wired together.
7.5.2
ALERT/THERM2 Pin in Therm Mode
When the ALERT/THERM2 pin is configured to operate in Therm mode, it becomes asserted if any of the
measured temperatures exceed the respective high limit. The ALERT/THERM2 pin remains asserted until
all temperatures drop below the corresponding high limit, minus the Therm Hysteresis value.
When the ALERT/THERM2 pin is asserted in Therm mode, the corresponding high limit Status bits are
set. Reading these bits do not clear them until the ALERT/THERM2 pin is deasserted. Once the ALERT/
THERM2 pin is deasserted, the Status bits are automatically cleared.
The MASK_ALL bit does not block the ALERT/THERM2 pin in this mode; however, the individual channel
masks prevent the respective channel from asserting the ALERT/THERM2 pin.
7.6
System Shutdown
The EMC1822/23/24/25/43 devices contain a hardware configured temperature limit circuit that controls
the SYS_SHDN pin. The threshold temperature is determined by the pull-up resistors on both the
SYS_SHDN and ALERT pins. Note, Standby and One-shot modes cannot be enabled in device
configurations including system shutdown functionality .
Table 7-2. Pull-Up Resistor Values
Pull-Up Resistor
Bit 2
Bit 1
Bit 0
4.7k
0
0
0
6.8k
0
0
1
10k
0
1
0
15k
0
1
1
20k
1
0
0
33k
1
0
1
The final temperature decode is the responsibility of the digital block. The overall decode is shown in
Table 7-3.
Table 7-3. Temperature Select Encoding
SYS_SHDN Pull Up Decode
ALERT Pull-Up Decode
Combine
d Decode
(HEX)
Threshold
Temperatur
e
2
1
0
2
1
0
0
0
0
0
0
0
00h
77°C
0
0
0
0
0
1
01h
78°C
0
0
0
0
1
0
02h
79°C
0
0
0
0
1
1
03h
80°C
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com