Electronic Components Datasheet Search
  English  ▼

X  

EMC1823 Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 6Page - Microchip Technology EMC1823 Datasheet HTML 7Page - Microchip Technology EMC1823 Datasheet HTML 8Page - Microchip Technology EMC1823 Datasheet HTML 9Page - Microchip Technology EMC1823 Datasheet HTML 10Page - Microchip Technology EMC1823 Datasheet HTML 11Page - Microchip Technology EMC1823 Datasheet HTML 12Page - Microchip Technology EMC1823 Datasheet HTML 13Page - Microchip Technology EMC1823 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
...........continued
Characteristic
Sym.
Min. Typ. Max. Units Conditions
Data Hold Time
tHD:DAT
0
—
—
µs
When transmitting to the master
Data Hold Time
tHD:DAT
0
—
—
µs
When receiving from the master
Data Setup Time
tSU:DAT
100
—
—
ns
Clock Low-Period
tLOW
1.3
—
—
µs
Clock High-Period
tHIGH
0.6
—
—
µs
Clock/Data Fall-Time
tFALL
—
—
300
ns
Min = 20 + 0.1 CLOAD ns
Clock/Data Rise-Time
tRISE
—
—
300
ns
Min = 20 + 0.1 CLOAD ns
Capacitive Load
CLOAD
—
—
400
pF
Per bus line
Time-out
tTIMEOUT 25
—
35
ms
Disabled by default
Figure 3-1. SMBus Timing Diagram
SDA
SCL
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T HD:STA
T SU:STO
T HD:STA T HD:DAT
T SU:DAT
T SU:STA
T FALL
T RISE
Multi-Channel Low Voltage Temp Sens...
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com