Electronic Components Datasheet Search
  English  ▼

X  

EMC1823 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC1823
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1823 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC1823 Datasheet HTML 13Page - Microchip Technology EMC1823 Datasheet HTML 14Page - Microchip Technology EMC1823 Datasheet HTML 15Page - Microchip Technology EMC1823 Datasheet HTML 16Page - Microchip Technology EMC1823 Datasheet HTML 17Page - Microchip Technology EMC1823 Datasheet HTML 18Page - Microchip Technology EMC1823 Datasheet HTML 19Page - Microchip Technology EMC1823 Datasheet HTML 20Page - Microchip Technology EMC1823 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
Table 7-1. Temperature Data Format
Temperature (°C)
Default Range 0°C to 127°C
Extended Range
-64°C to 191°C
Diode Fault
000 0000 0000
000 0000 0000
-64
000 0000 0000
000 0000 0000 (Note 1)
-1
000 0000 0000
001 1111 1000
0
000 0000 0000 (Note 2)
010 0000 0000
0.125
000 0000 0001
010 0000 0001
1
000 0000 1000
010 0000 1000
64
010 0000 0000
100 0000 0000
65
010 0000 1000
100 0000 1000
127
011 1111 1000
101 1111 1000
127.875
011 1111 1111
101 1111 1111
128
011 1111 1111 (Note 3)
110 0000 0000
190
011 1111 1111
111 1111 0000
191
011 1111 1111
111 1111 1000
≥ 191.875
011 1111 1111
111 1111 1111 (Note 4)
Note: 
1.
In the extended range, all temperatures below -64°C are reported as -64°C.
2.
In Default mode, all temperatures below 0°C are reported as 0°C.
3.
For the default range, all temperatures above +127.875°C are reported as +127.875°C.
4.
For the extended range, all temperatures above +191.875°C are reported as +191.875°C.
7.3
Limit Registers
The device contains both high and low limits for all temperature channels. If the measured temperature
exceeds the high limit, then the corresponding Status bit is set and the ALERT pin is asserted. Likewise, if
the measured temperature is less than or equal to the low limit, the corresponding Status bit is set and
the ALERT pin is asserted.
The data format for the limits must match the selected data format for the temperature so that, if the
extended temperature range is used, the limits must be programmed in the extended data format.
The limit registers with multiple addresses are fully accessible at either address.
When the device is in the Standby state, updating the limit registers will have no effect until the next
conversion cycle occurs. This can be initiated via a write to the ONE SHOT Register (Address 0Fh; ONE
SHOT) or by clearing the RUN/STANDBY bit (see CONFIG, Address 03h).
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com