Electronic Components Datasheet Search
  English  ▼

X  

EMC1824 Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC1824
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1824 Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC1824 Datasheet HTML 19Page - Microchip Technology EMC1824 Datasheet HTML 20Page - Microchip Technology EMC1824 Datasheet HTML 21Page - Microchip Technology EMC1824 Datasheet HTML 22Page - Microchip Technology EMC1824 Datasheet HTML 23Page - Microchip Technology EMC1824 Datasheet HTML 24Page - Microchip Technology EMC1824 Datasheet HTML 25Page - Microchip Technology EMC1824 Datasheet HTML 26Page - Microchip Technology EMC1824 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
...........continued
CONV<3:0>
Conversions/ Second
HEX
3
2
1
0
4h
0
1
0
0
1
5h
0
1
0
1
2
6h
0
1
1
0
4 (default)
7h
0
1
1
1
8
8h
1
0
0
0
16
9h
1
0
0
1
32
Ah
1
0
1
0
64
Bh - Fh
All others
1
7.10
Dynamic Averaging
Dynamic averaging causes the EMC1822/23/24/25/43 devices to measure the external diode channels
for an extended time based on the selected conversion rate. This functionality can be disabled for
increased power savings at the lower conversion rates. When dynamic averaging is enabled, the devices
automatically adjust the sampling and measurement time for the external diode channels. This allows the
devices to average 2x to 16x longer than the normal 11-bit operation (nominally 21 ms per channel) while
still maintaining the selected conversion rate. The benefits of dynamic averaging are improved noise
rejection due to the longer integration time as well as less random variation of the temperature
measurement.
When enabled, the dynamic averaging applies when a one-shot command is issued. The devices perform
the desired averaging during the one-shot operation according to the selected conversion rate.
When enabled, the dynamic averaging affects the average supply current based on the chosen
conversion rate as shown in the following table.
Table 7-5. Supply Current vs. Conversion Rate for EMC1825
Conversion Rate
Average Supply Current
Averaging Factor (based on 11-bit operation)
Dynamic Averaging State
Enabled (default)
Disabled Enabled (default)
Disabled
1/16s
144 µA
80 µA
16x
1x
1/8s
213 µA
86 µA
16x
1x
1/4s
351 µA
97 µA
16x
1x
1/2s
627 µA
120 µA
16x
1x
1/s
637 µA
164 µA
16x
1x
2/s
659 µA
253 µA
16x
1x
4/s (default)
703 µA
432 µA
8x
1x
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com