Electronic Components Datasheet Search
  English  ▼

X  

EMC1824 Datasheet(PDF) 82 Page - Microchip Technology

Part # EMC1824
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1824 Datasheet(HTML) 82 Page - Microchip Technology

Back Button EMC1824 Datasheet HTML 78Page - Microchip Technology EMC1824 Datasheet HTML 79Page - Microchip Technology EMC1824 Datasheet HTML 80Page - Microchip Technology EMC1824 Datasheet HTML 81Page - Microchip Technology EMC1824 Datasheet HTML 82Page - Microchip Technology EMC1824 Datasheet HTML 83Page - Microchip Technology EMC1824 Datasheet HTML 84Page - Microchip Technology EMC1824 Datasheet HTML 85Page - Microchip Technology EMC1824 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
8.11.36 Rate Of Change Samples Register (Address 43h and 48h)
Name: 
R SMPL
Offset: 
0x43 + n*0x05 [n=0..1]
Bit
7
6
5
4
3
2
1
0
R(N)SH[3:0]
Access
RW
RW
RW
RW
Reset
0
0
0
0
Bits 3:0 – R(N)SH[3:0] This represents the high byte of the number of samples taken for the Rate of
Change calculation, where N = 1 or 2 corresponding to the remote diode channel.
Value
Description
0x0
2 Samples
0x1
3 Samples
0x2
5 Samples
0x3
9 Samples
0x4
17 Samples
0x5
33 Samples
0x6
65 Samples
0x7
129 Samples
0x8-0xF 257 Samples
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com