Electronic Components Datasheet Search
  English  ▼

X  

EMC1824 Datasheet(PDF) 59 Page - Microchip Technology

Part # EMC1824
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1824 Datasheet(HTML) 59 Page - Microchip Technology

Back Button EMC1824 Datasheet HTML 55Page - Microchip Technology EMC1824 Datasheet HTML 56Page - Microchip Technology EMC1824 Datasheet HTML 57Page - Microchip Technology EMC1824 Datasheet HTML 58Page - Microchip Technology EMC1824 Datasheet HTML 59Page - Microchip Technology EMC1824 Datasheet HTML 60Page - Microchip Technology EMC1824 Datasheet HTML 61Page - Microchip Technology EMC1824 Datasheet HTML 62Page - Microchip Technology EMC1824 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
Value
Description
1
The External Diode 1 channel is linked to the SYS_SHDN pin. If the temperature exceeds
the Hardware Thermal Shutdown Limit, the E2THRM Status bit is set and the SYS_SHDN
pin is asserted. It will remain asserted until the temperature drops below its Therm Limit
minus the Therm Hysteresis.
Bit 0 – INTSYS  Configures the Internal Diode channel to assert the SYS_SHDN pin based on the
Hardware Thermal Shutdown Limit.
Value
Description
0
The Internal Diode channel is not linked to the SYS_SHDN pin. If the temperature exceeds
the Hardware Thermal Shutdown Limit, the INTTHRM Status bit is set, but the SYS_SHDN
pin is not asserted.
1
The Internal Diode channel is linked to the SYS_SHDN pin. If the temperature exceeds the
Hardware Thermal Shutdown Limit, the INTTHRM Status bit is set and the SYS_SHDN pin is
asserted. It will remain asserted until the temperature drops below its Therm Limit minus the
Therm Hysteresis.
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com