Electronic Components Datasheet Search
  English  ▼

X  

EMC1824 Datasheet(PDF) 71 Page - Microchip Technology

Part # EMC1824
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1824 Datasheet(HTML) 71 Page - Microchip Technology

Back Button EMC1824 Datasheet HTML 67Page - Microchip Technology EMC1824 Datasheet HTML 68Page - Microchip Technology EMC1824 Datasheet HTML 69Page - Microchip Technology EMC1824 Datasheet HTML 70Page - Microchip Technology EMC1824 Datasheet HTML 71Page - Microchip Technology EMC1824 Datasheet HTML 72Page - Microchip Technology EMC1824 Datasheet HTML 73Page - Microchip Technology EMC1824 Datasheet HTML 74Page - Microchip Technology EMC1824 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
8.11.27 Low Limit Status Register (Address 3Bh)
Name: 
LOW LIMIT STATUS
Offset: 
0x3B
Bit
7
6
5
4
3
2
1
0
E4LOW
E3LOW
E2LOW
E1LOW
ILOW
Access
RC
RC
RC
RC
RC
Reset
0
0
0
0
0
Bit 4 – E4LOW This bit is set when the External Diode 4 channel drops below its programmed low limit.
Reading from the register will also clear the LOW Status bit in the STATUS register.
Value
Description
1
Low limit exceeded
0
Low limit not exceeded
Bit 3 – E3LOW This bit is set when the External Diode 3 channel drops below its programmed low limit.
Reading from the register will also clear the LOW Status bit in the STATUS register.
Value
Description
1
Low limit exceeded
0
Low limit not exceeded
Bit 2 – E2LOW This bit is set when the External Diode 2 drops below its programmed low limit. Reading
this register will also clear the LOW bit.
Value
Description
1
Low limit exceeded
0
Low limit not exceeded
Bit 1 – E1LOW This bit is set when the External Diode 1 drops below its programmed low limit. Reading
this register will also clear the LOW bit.
Value
Description
1
Low limit exceeded
0
Low limit not exceeded
Bit 0 – ILOW This bit is set when the Internal Diode drops below its programmed low limit. Reading this
register will also clear the LOW bit.
Value
Description
1
Low limit exceeded
0
Low limit not exceeded
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com