Electronic Components Datasheet Search
  English  ▼

X  

FDR0540 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FDR0540
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0540 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FDR0540 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 4Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
d
r
a
w
r
o
F
.
6
e
r
u
g
i
F
g
n
it
a
r
e
D
t
n
e
r
r
u
C
.
5
e
r
u
g
i
F
20
60
0
TL, LEAD TEMPERATURE (
°C)
0.8
0.4
0.3
0.2
0.1
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.1
0
0.45
0.40
0.35
0.15
0.05
0
0.4
40
80
120
100
0.5
0.2
0.3
0.5
0.8
0.10
140
0.6
SQUARE WAVE
dc
Ipk/Io =
Ipk/Io = 5
Ipk/Io = 10
Ipk/Io = 20
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io =
SQUARE WAVE
dc
0.7
0.30
0.20
0.25
0.6
0.7
FREQ = 20 kHz
g
n
it
a
r
e
D
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
l
a
c
i
p
y
T
.
8
e
r
u
g
i
F
e
c
n
a
ti
c
a
p
a
C
.
7
e
r
u
g
i
F
*
30
0
VR, REVERSE VOLTAGE (VOLTS)
100
10
VR, DC REVERSE VOLTAGE (VOLTS)
25
40
0
118
114
112
110
15
5
3
0
3
0
4
5
3
5
2
0
2
0
1
0
.
5
5.0
10
20
15
116
120
126
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any
reverse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax − r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as
TJ = TJmax − r(t)Pr, where r(t) = Rthja. For other power applications further calculations must be performed.
Rtja = 118
°C/W
180°C/W
149°C/W
206°C/W
228°C/W
TJ = 25°C
122
124
2009. 06. 24
4/5
Revision No : 0
FDR0540



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com