Electronic Components Datasheet Search
  English  ▼

X  

FDR0540 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR0540
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0540 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR0540 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 4Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pb-Free package is available
SOD–123
Surface Mount
Schottky Power Rectifier
The Schottky Power Rectifier employs the Schottky Barrier
principle with a barrier metal that produces optimal forward voltage
drop−reverse current tradeoff. Ideally suited for low voltage, high
frequency rectification, or as a free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system.
Features
• Guardring for Stress Protection
• Very Low Forward Voltage
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Package Designed for Optimal Automated Board Assembly
Mechanical Characteristics
• Reel Options:FDR0540T1G= 3,000 per 7 inch reel/8 mm tape
FDR
0540T3G=10,000 per 13 inch reel/8 mm tape
• Device Marking: B4
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy Molded
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C max. for 10 Seconds
1
Cathode
2
Anode
SEMICONDUCTOR
TECHNICAL DATA
FDR0540
2009. 06. 24
1/5
Revision No : 0


Similar Part No. - FDR0540

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR0520 FS-FDR0520 Datasheet
123Kb / 3P
Surface Mount Schottky Power Rectifier
FDR0520E FS-FDR0520E Datasheet
583Kb / 4P
SCHOTTKY BARRIER DIODE
FDR0530 FS-FDR0530 Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier
FDR0530T1G FS-FDR0530T1G Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier
FDR0530T3G FS-FDR0530T3G Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier
More results

Similar Description - FDR0540

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com