Electronic Components Datasheet Search
  English  ▼

X  

FDR0540 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR0540
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0540 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR0540 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 4Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(At Rated VR, TC = 115°C)
IO
0.5
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TC = 115°C)
IFRM
1.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave,
Single Phase, 60 Hz)
IFSM
5.5
A
Storage/Operating Case Temperature Range
Tstg, TC
−55 to +150
°
C
Operating Junction Temperature
TJ
−55 to +150
°
C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
1000
V/ s
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 1)
Thermal Resistance − Junction−to−Ambient (Note 2)
R jl
Rtja
118
206
°
C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
vF
TJ = 25°C
TJ = 100°C
V
(iF = 0.5 A)
(iF = 1 A)
0.55
0.65
0.53
0.63
Maximum Instantaneous Reverse Current (Note 3)
IR
TJ = 25°C
TJ = 100°C
A
(VR = 40 V)
(VR = 20 V)
20
10
13,000
5,000
1. Mounted with minimum recommended pad size, PC Board FR4.
2. 1 inch square pad size (1 X 0.5 inch for each lead) on FR4 board.
3. Pulse Test: Pulse Width ≤250 s, Duty Cycle ≤2.0%.
2009. 06. 24
2/5
Revision No : 0
FDR0540



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com