Electronic Components Datasheet Search
  English  ▼

X  

FDR0540 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR0540
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0540 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR0540 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 4Page - First Silicon Co., Ltd FDR0540 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.2
10
1.0
0.1
2
.
1
6
.
0
0.4
0.8
1.0
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
.
2
e
r
u
g
i
F
e
g
a
tl
o
V
d
r
a
w
r
o
F
l
a
c
i
p
y
T
.
1
e
r
u
g
i
F
t
n
e
r
r
u
C
e
s
r
e
v
e
R
m
u
m
i
x
a
M
.
4
e
r
u
g
i
F
t
n
e
r
r
u
C
e
s
r
e
v
e
R
l
a
c
i
p
y
T
.
3
e
r
u
g
i
F
0.2
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
1.0E−3
100E−6
10E−6
1.0E−6
100E−9
VR, REVERSE VOLTAGE (VOLTS)
0.1
2
.
1
6
.
0
0.4
0.8
10
20
30
40
0
10
20
30
TJ = 125
°C
TJ = 100
°C
TJ = −40
°C
TJ = 25°C
TJ = 125
°C
TJ = 100
°C
TJ = 25°C
TJ = 125
°C
TJ = 100
°C
TJ = 25°C
TJ = 100
°C
TJ = 25°C
1.0
10E−3
100E−3
1.0E−3
100E−6
10E−6
1.0E−6
100E−9
10E−3
25°C
2009. 06. 24
3/5
Revision No : 0
FDR0540



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com