Electronic Components Datasheet Search
  English  ▼

X  

UPD4416004 Datasheet(PDF) 2 Page - NEC

Part # UPD4416004
Description  16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4416004 Datasheet(HTML) 2 Page - NEC

  UPD4416004 Datasheet HTML 1Page - NEC UPD4416004 Datasheet HTML 2Page - NEC UPD4416004 Datasheet HTML 3Page - NEC UPD4416004 Datasheet HTML 4Page - NEC UPD4416004 Datasheet HTML 5Page - NEC UPD4416004 Datasheet HTML 6Page - NEC UPD4416004 Datasheet HTML 7Page - NEC UPD4416004 Datasheet HTML 8Page - NEC UPD4416004 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet M14078EJ4V0DS
2
µµµµPD4416004
Pin Configuration (Marking Side)
/xxx indicates active low signal.
54-PIN PLASTIC TSOP (II) (10.16 mm (400))
[
µµµµPD4416004G5−−−−xxx−−−−9JF]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
NC
VCC
NC
NC
GND
I/O 4
A0
A1
A2
A3
A4
A5
/CS
VCC
/WE
NC
A6
A7
A8
A9
A10
I/O 1
VCC
NC
NC
GND
NC
NC
GND
NC
NC
VCC
I/O 3
A21
A20
A19
A18
A17
NC
/OE
GND
IC
A16
A15
A14
A13
A12
A11
I/O 2
GND
NC
NC
VCC
NC
A0 - A21
: Address Inputs
I/O1 - I/O4 : Data Inputs / Outputs
/CS
: Chip Select
/WE
: Write Enable
/OE
: Output Enable
VCC
: Power supply
GND
: Ground
NC
: No connection
IC
: Internal connection
Note
Note
Leave this pin connect to GND.
Remark Refer to Package Drawing for 1-pin index mark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com