Electronic Components Datasheet Search
  English  ▼

X  

UPD4416004 Datasheet(PDF) 7 Page - NEC

Part # UPD4416004
Description  16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4416004 Datasheet(HTML) 7 Page - NEC

Back Button UPD4416004 Datasheet HTML 3Page - NEC UPD4416004 Datasheet HTML 4Page - NEC UPD4416004 Datasheet HTML 5Page - NEC UPD4416004 Datasheet HTML 6Page - NEC UPD4416004 Datasheet HTML 7Page - NEC UPD4416004 Datasheet HTML 8Page - NEC UPD4416004 Datasheet HTML 9Page - NEC UPD4416004 Datasheet HTML 10Page - NEC UPD4416004 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet M14078EJ4V0DS
7
µµµµPD4416004
Write Cycle
Parameter
Symbol
-A 15
-A 17
Unit
Notes
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
15
17
ns
/CS to end of write
tCW
10
11
ns
Address valid to end of write
tAW
10
11
ns
Write pulse width
tWP
10
11
ns
Data valid to end of write
tDW
78
ns
Data hold time
tDH
00
ns
Address setup time
tAS
00
ns
Write recovery time
tWR
11
ns
/WE to output in high impedance
tWHZ
7
8
ns
1, 2
Output active from end of write
tOW
33
ns
Notes 1. Transition is measured at
± 200 mV from steady-state voltage with the output load shown in Figure 2.
2. These parameters are periodically sampled and not 100% tested.
Write Cycle Timing Chart 1 (/WE Controlled)
tWC
tCW
tWHZ
tDW
tDH
tOW
Indefinite data output
High
impe-
dance
Data input
Indefinite data output
Address (Input)
/CS (Input)
tAW
tWP
tAS
tWR
/WE (Input)
High
impe-
dance
I/O (Input / Output)
Cautions 1. /CS or /WE should be fixed to high level during address transition.
2. Do not input data to the I/O pins while they are in the output state.
Remarks 1. Write operation is done during the overlap time of a low level /CS, a low level /WE.
2. During tWHZ, I/O pins are in the output state, therefore the input signals of opposite phase to the output
must not be applied.
3. When /WE is at low level, the I/O pins are always high impedance. When /WE is at high level, read
operation is executed. Therefore /OE should be at high level to make the I/O pins high impedance.
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com